Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EM3585-RTR

  • AI
    The **EM3585-RTR** is a high-performance, integrated System-on-Chip (SoC) designed by Silicon Labs. It is specifically engineered for **Zigbee** and **Thread** networking protocols, commonly used in smart home automation and industrial wireless sensor networks. --- ### 1. Key Technical Specifications The device combines a 2.4 GHz transceiver with a powerful microcontroller core. | Component | Specification | | :--- | :--- | | **Core** | 32-bit ARM® Cortex®-M3 | | **Flash Memory** | 512 KB | | **RAM** | 32 KB | | **Clock Speed** | 12 MHz (up to 24 MHz) | | **Radio Protocol** | IEEE 802.15.4 (Zigbee, Thread) | | **Frequency Band** | 2.4 GHz ISM Band | | **Operating Voltage** | 2.1V to 3.6V | | **Package Type** | QFN48 (7x7 mm) | --- ### 2. Core Electronic Subsystems #### A. Microcontroller Unit (MCU) The heart of the EM3585 is the **ARM Cortex-M3**. It is optimized for low power consumption while providing enough computational power to handle complex networking stacks (like EmberZNet) and user applications simultaneously. #### B. RF Transceiver The radio subsystem is highly integrated to minimize external component count: * **Sensitivity:** High receiver sensitivity (~ -100 dBm) for long-range reliability. * **Programmable Output Power:** Up to +8 dBm (boost mode). * **Antenna Interface:** Includes an integrated power amplifier (PA) and low-noise amplifier (LNA) support. #### C. Peripheral Interfaces The chip provides various I/O options for interacting with sensors and other controllers: * **UART/SPI/I2C:** Two configurable serial controllers (SC1 and SC2). * **ADC:** 12-bit Analog-to-Digital Converter for reading sensor data. * **GPIOs:** Up to 24 General Purpose Input/Output pins. * **Timers:** General-purpose and watchdog timers for task scheduling. --- ### 3. Understanding the "RTR" Suffix In electronic part numbering, suffixes often denote the packaging format for manufacturing: * **RT:** Indicates the temperature range or a specific revision of the silicon. * **R:** Stands for **Tape and Reel**. This means the parts are delivered on a continuous strip wound around a reel, designed for high-speed automated "pick and place" assembly machines. --- ### 4. Typical Application Circuit When designing a PCB with the EM3585-RTR, the following external components are typically required: ```c // Typical BOM (Bill of Materials) list: 1. 24 MHz Crystal (Main System Clock) 2. 32.768 kHz Crystal (Low Power Sleep Timer) 3. Decoupling Capacitors (0.1uF and 1.0uF) 4. Balun / Matching Network (For the Antenna) 5. Reset Circuitry (Pull-up resistor) ``` --- ### 5. Power Management The EM3585 features sophisticated power modes to extend battery life in wireless nodes: * **Deep Sleep Mode:** Reduces current draw to less than 2 µA while maintaining RAM contents. * **Fast Wake-up:** Allows the device to transition from sleep to active mode quickly to process incoming radio packets.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between EM3585 and EM357?
    • ⤷ How do I program the EM3585-RTR using Silicon Labs Simplicity Studio?
    • ⤷ What are the recommended antenna types for 2.4 GHz Zigbee applications?