Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EM3591-RTR

  • AI
    ## Overview of the EM3591-RTR The **EM3591-RTR** is a high-performance, integrated System-on-Chip (SoC) designed by Silicon Labs. It is primarily used for **Zigbee** and **Thread** networking applications. It combines a 2.4 GHz IEEE 802.15.4 compliant transceiver with an ARM® Cortex®-M3 microprocessor. The "RTR" suffix typically refers to the packaging format, specifically **Tape and Reel**, used for automated assembly. --- ### Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Core Processor** | ARM® Cortex®-M3 | | **Clock Speed** | 6 MHz to 12 MHz (Up to 24 MHz) | | **Flash Memory** | 256 KB | | **RAM** | 32 KB | | **Radio Protocol** | IEEE 802.15.4 (Zigbee / Thread) | | **Frequency Band** | 2.4 GHz ISM Band | | **Voltage Range** | 2.1V to 3.6V | | **Package Type** | 56-pin QFN (7x7 mm) | --- ### Internal Functional Blocks The EM3591-RTR architecture is divided into several critical electronic subsystems: #### 1. RF Transceiver The radio section includes everything needed for wireless communication: * **Integrated PA/LNA:** Built-in Power Amplifier and Low Noise Amplifier. * **Sensitivity:** High receiver sensitivity (approx. -100 dBm). * **Programmable Output:** Up to +8 dBm (boost mode). #### 2. Power Management To support battery-powered IoT devices, the chip includes: * **Deep Sleep Modes:** Drawing as little as 1.0 µA with the sleep timer active. * **Integrated Regulators:** On-chip 1.8V and 1.25V regulators to simplify PCB design. #### 3. Peripherals and I/O The EM3591 provides a wide range of interfaces for connecting sensors and other electronics: * **Serial Interfaces:** 2x SCB (Serial Controller Blocks) configurable as UART, SPI, or I2C. * **Analog-to-Digital Converter (ADC):** 12-bit resolution for reading sensor data. * **GPIOs:** Up to 32 General Purpose I/O pins. * **Timers:** Multiple 16-bit timers for PWM or pulse counting. --- ### Pin Configuration Summary | Pin Group | Function | | :--- | :--- | | **RF_TX/RX_P/N** | Differential RF input/output pins for the antenna. | | **VCC/GND** | Power supply and ground connections. | | **PC0 - PC7** | Multi-function GPIOs (can be used for JTAG debugging). | | **OSC32K** | Connection for a 32.768 kHz crystal (used for low-power timing). | --- ### Application Usage Because of its large Flash (256KB) and RAM (32KB), the EM3591-RTR is frequently used as a **Zigbee Coordinator** or **Full Network Node** in smart home hubs, lighting controls, and industrial automation systems where a robust mesh network stack is required.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM3591 and the EM357 series?
    • ⤷ Does the EM3591-RTR support over-the-air (OTA) firmware updates?
    • ⤷ What is the recommended antenna matching circuit for this SoC?