Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EM3597-RTR

  • AI
    The **EM3597-RTR** is a high-performance System-on-Chip (SoC) designed by Silicon Labs, specifically engineered for Zigbee and Thread networking protocols. It is part of the EmberZNet platform, widely used in smart home automation and industrial monitoring. --- ### 1. Core Technical Specifications The device combines a powerful microprocessor with a high-performance 2.4 GHz radio. | Feature | Specification | | :--- | :--- | | **Microcontroller** | 32-bit ARM® Cortex®-M3 | | **Clock Speed** | 12 MHz (configurable up to 24 MHz) | | **Flash Memory** | 512 KB | | **RAM** | 32 KB | | **Radio Protocol** | IEEE 802.15.4 (Zigbee, Thread) | | **Frequency Band** | 2.4 GHz ISM Band | | **Package Type** | 56-pin QFN (7x7 mm) | --- ### 2. Key Electronic Components & Subsystems #### A. RF Transceiver The integrated radio is a highly sensitive 2.4 GHz transceiver. It features: * **Programmable Output Power:** Up to +8 dBm (boost mode). * **Receiver Sensitivity:** -101 dBm (normal) to -102 dBm (boost mode). * **Hardware MAC Accelerator:** Handles AES-128 encryption, packet filtering, and frame transmission timing automatically. #### B. Power Management The EM3597-RTR is designed for battery-operated devices and energy efficiency: * **Voltage Range:** 2.1V to 3.6V. * **Sleep Modes:** Multiple deep-sleep states with a dedicated "Sleep Timer" to wake the system. * **Low Current Consumption:** Approx. 400 nA in deep sleep mode with RAM retention. #### C. Peripheral Interfaces To interact with sensors and other hardware, the chip includes: * **ADC:** 14-bit Analog-to-Digital Converter for sensor readings. * **Serial Communication:** UART, SPI, and I2C (TWI) for connecting to external MCUs or sensors. * **GPIOs:** Up to 24 General Purpose I/O pins with configurable pull-ups/pull-downs. --- ### 3. Applications and Usage The "RTR" suffix typically indicates **Reel** packaging for high-volume automated assembly (Pick-and-Place). Common applications include: * **Smart Lighting:** Controlling LED drivers via Zigbee commands. * **Home Security:** Door/window sensors and motion detectors. * **Smart Energy:** Smart meters and in-home displays (IHD). * **Gateway Devices:** Acting as a coordinator for large mesh networks. --- ### 4. Comparison: EM3597 vs. Earlier Models The EM3597 is the "top-tier" of the EM35x series, primarily distinguished by its **512 KB Flash**. Earlier models like the EM357 only offered 192 KB, making the EM3597 necessary for complex applications or over-the-air (OTA) firmware updates where a larger memory footprint is required.
    ✨ Follow-up Questions
    • ⤷What are the power consumption differences between the EM3597 and the newer EFR32 series?
    • ⤷ How does the 512 KB flash memory benefit Zigbee OTA updates?
    • ⤷ What external components are required to complete the RF circuit for the EM3597?