EP1017-R
AI

The **EP1017-R** is a specialized high-speed optoisolator (photocoupler) typically utilized in industrial automation, motor control, and communication interfaces. It is designed to provide electrical isolation between high-voltage power circuits and low-voltage control circuits.
---
### ## Technical Specifications
Below are the primary electrical characteristics for the EP1017-R series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Isolation Voltage** | 3,750 Vrms to 5,000 Vrms |
| **Data Rate / Speed** | 1 Mbps to 10 Mbps (depending on configuration) |
| **Input Forward Current ($I_F$)** | 10 mA to 20 mA |
| **Output Type** | Transistor or Open Collector |
| **Common Mode Rejection (CMR)** | 10 kV/μs to 15 kV/μs |
| **Operating Temperature** | -40°C to +85°C |
---
### ### Core Electronic Components
The device consists of two main internal sections housed within a single package:
1. **Light Emitting Diode (LED):**
* The input side uses an Infrared (IR) LED.
* When current flows through the LED, it emits photons.
* **Role:** Converts electrical control signals into light.
2. **Photo-Detector:**
* The output side features a high-speed photodiode or phototransistor.
* It is paired with an integrated amplifier to ensure fast switching speeds.
* **Role:** Converts the received light back into an electrical signal while maintaining complete galvanic isolation.
---
### ### Key Features and Benefits
* **High Noise Immunity:** The high CMR rating ensures that the signal remains clear even in environments with significant electromagnetic interference (EMI).
* **Compact Footprint:** Usually available in SOP (Small Outline Package) or DIP (Dual In-line Package), allowing for high-density PCB designs.
* **Safety Compliance:** Designed to meet international safety standards (such as UL1577) for high-voltage protection.
---
### ### Typical Application Circuit
In a standard application, the EP1017-R is placed between a Microcontroller (MCU) and a Power Transistor (IGBT/MOSFET).
```c
// Logic Flow:
[MCU Pin] ---> [Resistor] ---> [EP1017-R LED (In)]
|| (Optical Gap)
[Power Supply] <--- [EP1017-R Detector (Out)] <--- [Gate Driver]
```
---
- ⤷
What are the specific pin configurations for the EP1017-R package?
- ⤷ How does the EP1017-R compare to standard 4N35 optocouplers?
- ⤷ What is the maximum switching frequency supported by this part?