Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • EPP-R2036

  • AI
    ## Electronic Components Overview: EPP-R2036 The **EPP-R2036** is a high-performance, embedded thermal printer mechanism frequently used in kiosks, medical devices, and ticketing systems. Below is a breakdown of its key electronic components and specifications. --- ### 1. Core Electronic Specifications The performance of the EPP-R2036 relies on its power management and logic control systems. | Component | Specification | Description | | :--- | :--- | :--- | | **Operating Voltage** | 24V DC | Main power supply for the thermal head and motors. | | **Logic Voltage** | 3.3V / 5V | Power for the internal logic circuits and sensors. | | **Peak Current** | Approx. 2.0A - 3.0A | Required during high-density printing or cutting. | | **Interface Options** | RS-232 / USB / TTL | Communication protocols supported by the control board. | --- ### 2. Key Electronic Parts The mechanism consists of several integrated electronic assemblies that work in tandem: #### A. Thermal Print Head (TPH) * **Heating Elements:** A line of tiny resistors that heat up to activate the thermal paper. * **Thermistor:** A temperature sensor that monitors the heat of the head to prevent overheating (thermal protection). * **Driver IC:** Manages the data-to-heat conversion process. #### B. Stepper Motor Control * **Motor Type:** High-precision bipolar stepper motor. * **Function:** Controls the paper feed speed and torque. It is driven by pulses from the main controller to ensure consistent line spacing. #### C. Sensors The EPP-R2036 utilizes multiple sensors for autonomous operation: 1. **Paper Out Sensor:** Photoelectric sensor that detects when the paper roll is empty. 2. **Platen Position Sensor:** Detects if the rubber roller is locked or released. 3. **Auto-Cutter Home Position:** Detects the status of the cutter blade to prevent jams. #### D. Auto-Cutter Module * **Motor-Driven Blade:** An electronic motor triggers a partial or full cut of the paper. * **Limit Switches:** Used to signal the electronics when the cutting cycle is complete. --- ### 3. Connection Pinout (General Layout) Typical connectivity for the EPP series involves high-density flex cables or pin headers. ```markdown Pin 1-2: Ground (GND) Pin 3-4: VCC (24V) Pin 5: Data Input (DI) Pin 6: Clock (CLK) Pin 7: Latch (LAT) Pin 8: Strobe (STB) ... Pin 15: Thermistor Output ``` --- ### 4. Logic and Control The EPP-R2036 is usually paired with a **Control Board** (like the RB-CC series) which houses: * **MCU (Microcontroller):** Processes ESC/POS commands. * **Flash Memory:** Stores character sets, fonts, and bitmaps. * **Buffer:** Prevents data loss during high-speed printing.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the EPP-R2036 control board?
    • ⤷ How does the thermal protection circuit prevent damage to the print head?
    • ⤷ What are the recommended power supply requirements for peak load operation?