Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ES-1H1-R

  • AI
    The **ES-1H1-R** is a specific electronic component, typically categorized as a **Vibration Sensor** or **Seismic Switch**, often manufactured by companies like *Nippon Control* (or similar industrial sensor providers). It is designed to detect mechanical vibrations and trigger a relay output when the intensity exceeds a preset threshold. ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Vibration Sensor / Seismic Switch | | **Detection Method** | Mechanical or Electromechanical movement | | **Contact Rating** | Usually 250V AC / 30V DC (at low amperage) | | **Sensitivity Range** | Adjustable (Gal or m/s² units) | | **Reset Type** | Manual or Automatic (depending on internal wiring) | | **Protection Rating** | IP65 or higher (Dust/Water resistant) | --- ### 2. Major Electronic Sub-Systems The device is comprised of three primary sections: #### A. Sensing Element This is the core of the unit. It typically uses a **mass-spring mechanism** or a **piezoelectric element**. When the vibration reaches a certain level, the inertia of the mass causes a physical displacement. #### B. Trigger Circuitry The internal circuit acts as a comparator. * **Threshold Potentiometer:** Allows the user to set the "Trip Point." * **Delay Circuit:** Often includes a small time-delay (e.g., 0.1s to 1s) to prevent "nuisance tripping" from momentary shocks that aren't sustained vibrations. #### C. Output Relay The "R" in the suffix usually denotes a **Relay Output**. * **Dry Contacts:** It provides "Normally Open" (NO) and "Normally Closed" (NC) terminals. * **Safety Interlock:** When triggered, the relay flips, which can be used to cut power to a motor or signal an emergency stop to a PLC. --- ### 3. Connection and Wiring Layout Standard industrial wiring for the ES-1H1-R usually follows this logic: ```markdown Terminal 1-2: Power Supply Input (e.g., 24V DC or 110V AC) Terminal 3: Common (COM) Terminal 4: Normally Open (NO) - Closes on vibration Terminal 5: Normally Closed (NC) - Opens on vibration ``` --- ### 4. Common Applications * **Cooling Towers:** Shutting down fans if a blade becomes unbalanced. * **Pumps & Centrifuges:** Preventing catastrophic failure due to excessive bearing wear. * **Elevators:** Detecting seismic activity to stop the car at the nearest floor.
    ✨ Follow-up Questions
    • ⤷ What is the exact sensitivity range in G-force for the ES-1H1-R?
    • ⤷ How do I wire the manual reset button for this specific sensor?
    • ⤷ Can this sensor be used in hazardous/explosive environments?