Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ESD-R-19SD

  • AI
    The **ESD-R-19SD** is a specific type of **EMI (Electromagnetic Interference) Core** produced by KEMET. It belongs to the ESD-R series, which are round, solid ferrite cores designed to suppress high-frequency noise in electronic circuits. --- ## 1. Technical Specifications The "19SD" designation refers to the physical dimensions and the specific material characteristics of the ferrite. | Feature | Specification | | :--- | :--- | | **Material Type** | Manganese-Zinc (MnZn) | | **Form Factor** | Round, Solid (Toroidal ring) | | **Outer Diameter (OD)** | 19.0 mm | | **Inner Diameter (ID)** | 10.0 mm | | **Thickness (HT)** | 10.0 mm | | **Frequency Range** | High frequency (Suppression up to MHz range) | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Operating Principle The ESD-R-19SD functions as a **passive low-pass filter**. * **Impedance:** When a wire is looped through the core, the ferrite material creates high impedance at high frequencies. * **Energy Conversion:** Instead of reflecting noise back into the circuit, the core absorbs high-frequency electromagnetic interference and converts it into a negligible amount of heat. * **Common Mode Choke:** It is most effective when used to combat common-mode noise, where unwanted signals travel in the same direction on multiple conductors. --- ## 3. Key Electronic Functions The ESD-R-19SD is used for three primary reasons in electronic design: ### A. EMI Suppression It prevents electromagnetic noise generated by the device from leaking out into the environment (Compliance with FCC/CE standards). ### B. Noise Immunity It protects sensitive internal components from being affected by external electromagnetic fields captured by power or data cables. ### C. Signal Integrity By removing "jitter" or high-frequency ripples from data lines, it ensures that the intended electronic signals remain clean and readable. --- ## 4. Application Areas These cores are typically found in environments where high-speed switching or motors create electrical noise: * **Consumer Electronics:** Televisions, Audio equipment, and Gaming consoles. * **Industrial:** Power supplies (SMPS), motor controllers, and robotics. * **Computing:** Internal power cables and peripheral connections (USB/Firewire). --- ## 5. Installation Guide To achieve maximum effectiveness with the ESD-R-19SD: 1. **Placement:** Place the core as close to the noise source or the entry point of the cable as possible. 2. **Turns:** Increasing the number of "turns" (looping the wire through the center multiple times) increases the impedance squared ($Z \propto N^2$). 3. **Fit:** Ensure the cable fills as much of the 10mm inner diameter as possible to minimize magnetic leakage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials in the ESD-R series?
    • ⤷ How many wire turns are recommended for maximum noise suppression on a 19SD core?
    • ⤷ Does the ESD-R-19SD require a specific housing or casing for industrial use?