Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ESS-8-SS

  • AI
    The **ESS-8-SS** is a high-performance suction cup assembly manufactured by **Festo**. While the component itself is primarily mechanical/pneumatic, it is a critical interface in electronic automated systems. Below is the technical breakdown of its specifications and how it integrates into electronic control systems. --- ### 1. Technical Specifications The "ESS-8-SS" nomenclature refers to the suction cup's size, shape, and material properties. | Feature | Specification | | :--- | :--- | | **Model Series** | ESS (Suction Cup with Support) | | **Suction Cup Size** | 8 mm (Diameter) | | **Shape** | Round, Flat | | **Material (Cup)** | Silicone (VMQ) | | **Connection Type** | M5 Threaded Plug | | **Operating Medium** | Atmospheric air based on vacuum | | **Temperature Range** | -30°C to 200°C | --- ### 2. Integration with Electronic Components To make the ESS-8-SS function within an automated line, it must be paired with several electronic parts. It does not "think" on its own; it is the "finger" of an electronically controlled pneumatic system. #### A. Vacuum Solenoid Valves The electronic brain (PLC) sends a **24V DC signal** to a solenoid valve. This valve opens to allow compressed air through a vacuum generator (Venturi) or connects the cup directly to a vacuum pump. * **Function:** Electronic-to-Pneumatic conversion. #### B. Vacuum Sensors (Pressure Switches) To ensure the part has been successfully picked up, an electronic vacuum sensor (like the Festo **SDE5** or **SPAQ**) is used. * **Feedback Loop:** The sensor detects the drop in pressure when the cup seals against a surface and sends a digital signal back to the Controller. #### C. Proportional Pressure Regulators In delicate electronic assembly (e.g., picking up microchips), electronic pressure regulators adjust the vacuum level precisely via a **4-20mA or 0-10V signal** to prevent crushing the component. --- ### 3. Application in Electronics Manufacturing The ESS-8-SS is frequently used in the electronics industry for the following reasons: 1. **ESD Safety:** The "SS" variant often uses silicone, which can be formulated to be antistatic to prevent Electrostatic Discharge from damaging sensitive PCB components. 2. **Heat Resistance:** Since silicone can withstand up to 200°C, it is used to move components immediately after wave soldering or reflow ovens. 3. **Non-Marking:** The silicone material ensures that no chemical residue is left on the glass screens or sensitive optical electronic parts. --- ### 4. Typical System Architecture ```mermaid graph LR A[PLC/Microcontroller] -->|24V Signal| B[Solenoid Valve] B -->|Air Flow| C[Vacuum Generator] C -->|Vacuum| D[ESS-8-SS Suction Cup] D -->|Pressure Data| E[Electronic Vacuum Sensor] E -->|Feedback| A ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using Silicone (SS) over Nitrile rubber (G) in electronics?
    • ⤷ How do you calculate the lifting force of an 8mm suction cup at a specific vacuum level?
    • ⤷ Which Festo vacuum generator is best paired with the ESS-8-SS for high-speed pick and place?