Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • ET-1010-R

  • AI
    The **ET-1010-R** is a high-performance **Industrial Ethernet-to-Fiber Media Converter**. It is designed to bridge copper-based Ethernet networks (RJ45) with fiber optic networks, typically used in harsh industrial environments for long-distance data transmission. --- ## 1. Key Electronic Components and Ports The device consists of several critical electronic interfaces and internal circuitry designed for reliability: | Component | Specification/Function | | :--- | :--- | | **Ethernet Port** | 1 x 10/100 Base-TX RJ45 Port (Auto MDI/MDI-X). | | **Fiber Port** | 1 x 100 Base-FX (Multi-mode or Single-mode depending on variant). | | **Connector Type** | Usually **ST** or **SC** connectors (The "-R" often denotes specific fiber range/type). | | **Internal Controller** | Specialized ASIC for Store-and-Forward or Cut-Through switching. | | **Power Input** | Redundant terminal block (usually 12-48V DC). | --- ## 2. Technical Electronic Features ### Signal Conversion The core electronics convert the **Electrical Differential Signaling** of a standard CAT5/6 cable into **Optical Signals** (light pulses). This allows data to travel up to 2km (Multi-mode) or 30km+ (Single-mode) without electromagnetic interference (EMI). ### Protection Circuitry Because it is "Industrial Grade," the ET-1010-R includes: * **ESD Protection:** Usually 6kV contact discharge protection. * **EFT Protection:** 2kV protection on power lines. * **Reverse Polarity Protection:** Prevents damage if the DC power wires are swapped. ### Diagnostic LEDs The PCB is equipped with several LED indicators to monitor the status of the electronics: * **PWR:** Power status. * **Link/Act:** Activity on the Ethernet or Fiber side. * **FDX/Col:** Full Duplex or Collision detection. --- ## 3. Physical Construction * **Casing:** IP-30 rated metal housing which acts as a heat sink (fanless design). * **Mounting:** DIN-rail or wall mount brackets. * **Operating Temperature:** Typically rated for **-10°C to 60°C**, though wide-temp versions can reach -40°C to 75°C. --- ## 4. Usage Context In a typical circuit, the ET-1010-R acts as a transparent bridge. You connect a PLC or Industrial PC to the RJ45 port, and the electronics encapsulate that data for transmission over the fiber backbone to a central control room.
    ✨ Follow-up Questions
    • ⤷ What is the maximum fiber distance supported by the ET-1010-R?
    • ⤷ Does this model support Link Fault Pass-Through (LFP)?
    • ⤷ What are the specific power requirements for the terminal block?