Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • F1SP-R100-JB

  • AI
    The **F1SP-R100-JB** is a specific part number typically associated with a **Precision Power Wirewound Resistor**. These components are designed for high-stability applications where power dissipation and resistance accuracy are critical. --- ### 1. Part Number Breakdown While manufacturer conventions can vary slightly, the code generally breaks down as follows: | Segment | Identification | Meaning | | :--- | :--- | :--- | | **F1SP** | Series / Type | Flameproof, Miniature/Special Precision Power Wirewound. | | **R100** | Resistance Value | **0.1 Ohms** (The 'R' acts as the decimal point). | | **J** | Tolerance | **±5%** (Standard industry code for tolerance). | | **B** | Packaging/Special | Often denotes **Bulk** packaging or a specific lead finish. | --- ### 2. Technical Specifications This component is engineered for industrial and electronic power circuits. Below are the typical technical characteristics: * **Resistor Type:** Wirewound (uses a resistive wire wrapped around a ceramic core). * **Resistance:** 0.1 $\Omega$ (Low resistance, often used for current sensing). * **Power Rating:** Typically ranges from 1W to 5W depending on the specific physical size of the "F1SP" series. * **Tolerance:** ±5% (Standard Precision). * **Temperature Coefficient (TCR):** Usually low (±20 to ±100 ppm/°C), ensuring resistance stays stable as it heats up. * **Coating:** Flameproof silicone or cement coating for safety during overload conditions. --- ### 3. Key Electronic Functions Because the F1SP-R100-JB is a low-resistance, high-power wirewound resistor, it is used for specific roles: #### A. Current Sensing Due to the low $0.1 \Omega$ value, it is frequently used to measure current. By measuring the voltage drop across this resistor ($V = I \times R$), a control circuit can determine the amount of current flowing through a system. #### B. Inrush Current Limiting Wirewound resistors are excellent at handling "surges" or high-energy pulses. They are often placed at the input of power supplies to prevent damage when the device is first turned on. #### C. Heat Dissipation The ceramic core and wire construction allow these parts to operate at high temperatures without physical degradation, making them ideal for "power" roles rather than "signal" roles. --- ### 4. Application Examples * **Power Supplies:** Used in the output stage for current regulation. * **Motor Controllers:** Monitoring the load on a DC motor. * **Audio Amplifiers:** Used in the emitter or source circuit of output transistors to stabilize the circuit. * **Battery Chargers:** Monitoring the charging current. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the F1SP series?
    • ⤷ Can this resistor be used in high-frequency AC circuits?
    • ⤷ What are the common alternatives if this specific part is out of stock?