Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • F2PP-24R-R

  • AI
    The **F2PP-24R-R** is a specific model within the **F2 Series Programmable Logic Controller (PLC)** family, typically associated with Fatek or specialized industrial automation systems. This specific part number denotes a high-density, relay-output PLC expansion or main unit. --- ## 1. Technical Specifications Overview The "24R" in the part number indicates the total I/O count and the output type (Relay). | Parameter | Specification | | :--- | :--- | | **Total I/O Points** | 24 Points | | **Input Points** | 14 Digital Inputs (24VDC) | | **Output Points** | 10 Relay Outputs | | **Power Supply** | 100~240VAC (Standard R-type) | | **Output Current** | 2A per point (Resistive) | | **Connection Type** | Fixed Terminal Blocks | --- ## 2. Key Electronic Components ### A. Digital Inputs (Sinking/Sourcing) The input section uses **Optocouplers** (Optical Isolators). * **Purpose:** To protect the internal CPU from high-voltage spikes on the field side. * **Function:** Converts 24VDC field signals into 5V logic signals for the processor. ### B. Relay Outputs (Electromechanical) The "R" suffix stands for **Relay**. * **Mechanical Life:** Typically 10 million cycles. * **Voltage Versatility:** Can switch both AC (up to 250V) and DC (up to 30V) loads. * **Isolation:** Provides physical air-gap isolation between the PLC and the load, making it robust against electrical noise. ### C. Power Supply Module The internal circuitry includes a **Switch Mode Power Supply (SMPS)**. * Converts the AC mains input to regulated 24VDC (for inputs) and 5VDC (for internal logic). * Contains capacitors for ripple filtering and MOVs (Metal Oxide Varistors) for surge protection. --- ## 3. Circuit Protection Features The F2PP-24R-R incorporates several electronic safeguards: 1. **Noise Filtering:** RC filters on input lines to prevent false triggering from "bouncing" switches. 2. **LED Diagnostics:** Surface-mounted LEDs provide visual status for each I/O point and power status. 3. **Fuse Protection:** Usually contains internal glass or surface-mount fuses to protect the internal transformer from overcurrent. --- ## 4. Wiring and Usage Considerations When integrating this part, the following electronic constraints apply: * **Inductive Loads:** When switching motors or solenoids, it is recommended to add an external **Snubber Circuit** (RC network) or **Flyback Diode** to prevent arcing across the relay contacts. * **Response Time:** Being a relay model, the switching speed is limited (approx. 10ms), which is slower than Transistor (T) models but allows for higher current handling.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the F2PP-24R-R and the 24T (Transistor) version?
    • ⤷ Can this PLC be expanded with additional analog modules?
    • ⤷ What software is required to program this specific series?