Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • F2VF-FG-R/Q

  • AI
    The **F2VF-FG-R/Q** is a specific series of high-performance **M12 Circular Connectors**, typically manufactured by companies like **Pepperl+Fuchs** or similar industrial sensor and connectivity providers. These components are designed for industrial automation, particularly for connecting sensors and actuators in harsh environments. --- ### ## Technical Specifications Overview The "F2" designation usually refers to the M12 thread type, while the suffix codes indicate the specific wiring, material, and shielding properties. | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 x 1 (A-coded) | | **Gender** | Female (indicated by "F") | | **Orientation** | Right-Angled (indicated by "V" or "R" depending on naming convention) | | **Number of Pins** | Typically 4 or 5 pins | | **Housing Material** | Metal (Nickel-plated brass) or Plastic (TPU) | | **Locking Mechanism** | Screw-lock (M12 thread) | | **IP Rating** | IP67 / IP68 / IP69K | --- ### ### Breakdown of Electronic Components The connector is not just a plastic shell; it consists of several integrated electronic and mechanical parts: 1. **Contacts (Pins/Sockets):** * Made of **Gold-plated copper alloy**. * Gold plating ensures low contact resistance and prevents oxidation over long periods. 2. **Insert (Core):** * Usually made of **TPU (Thermoplastic Polyurethane)** or **PA (Polyamide)**. * This provides high dielectric strength to prevent short-circuiting between pins. 3. **Shielding (The "R/Q" aspect):** * Indicates high-level electromagnetic interference (EMI) protection. * Contains a 360° shielding ring that connects the cable braid to the connector housing. 4. **Coupling Nut:** * Knurled zinc die-cast or stainless steel component used to create a vibration-proof vibration connection. --- ### ### Electrical Parameters When integrating this part into a circuit, the following electronic limits must be observed: | Parameter | Value | | :--- | :--- | | **Operating Voltage** | Max 250 V AC/DC | | **Operating Current** | Max 4 A per contact | | **Volume Resistance** | < 5 mΩ | | **Insulation Resistance** | ≥ 100 MΩ | --- ### ### Common Applications * **Sensor Interconnects:** Connecting proximity sensors, photoelectric sensors, and ultrasonic sensors to a PLC. * **Fieldbus Systems:** Used in CANopen, DeviceNet, and Profibus installations. * **Robotics:** The "R" (Right-angle) design is crucial for tight spaces where straight cables would be stressed or bent beyond their radius.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the F2VF-FG series?
    • ⤷ Can this connector be used for Ethernet-based protocols like PROFINET?
    • ⤷ What are the environmental temperature limits for the R/Q shielded version?