Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • F2VS-4E-R

  • AI
    The **F2VS-4E-R** is a specific electronic component, typically categorized as a **Terminal Relay Board** or a **Relay Interface Module**, often used in industrial automation (PLC systems). It serves as a bridge between low-power control signals and high-power actuators. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The "4E" usually denotes a **4-point (4-channel)** configuration, meaning it can control four separate output circuits. | Feature | Specification Details | | :--- | :--- | | **Number of Points** | 4 Channels (Individual relays) | | **Coil Voltage** | Typically 24V DC (Standard for PLC logic) | | **Contact Type** | 1a (SPST-NO - Single Pole Single Throw, Normally Open) | | **Switching Capacity** | Usually 5A at 250V AC / 30V DC | | **Mounting Type** | DIN Rail Mounting | | **Terminal Type** | Screw terminals for easy wiring | --- ## 2. Key Electronic Components The internal circuitry of the F2VS-4E-R consists of several protective and functional parts: ### A. Electromagnetic Relays These are the primary switching elements. When the coil is energized by a 24V DC signal from a PLC, the mechanical contact closes, allowing current to flow to the load (motors, valves, etc.). ### B. Freewheeling Diodes (Flyback Diodes) Connected in parallel with the relay coils, these diodes protect the driving transistors in the PLC from "back EMF" (voltage spikes) that occur when the relay coil is de-energized. ### C. LED Status Indicators Each channel typically features an LED (usually green or red) to provide visual feedback. * **LED ON:** The relay coil is energized (circuit closed). * **LED OFF:** The relay is inactive (circuit open). ### D. Surge Suppression Depending on the specific revision, these boards often include varistors or RC circuits to minimize electrical noise and protect the contacts from arcing when switching inductive loads. --- ## 3. Wiring and Interface The module acts as an isolation barrier between the sensitive electronics of a controller and the harsh electrical environment of the machine. 1. **Input Side:** Connected to the PLC Output cards via a ribbon cable or terminal block. 2. **Output Side:** Connected to the field devices (solenoids, contactors, lamps). 3. **Common Line:** Usually features a shared common for the input side to reduce wiring complexity. --- ## 4. Usage Considerations * **Galvanic Isolation:** The F2VS-4E-R provides complete electrical isolation between the control circuit and the power circuit. * **Maintenance:** Since relays have a mechanical lifespan (measured in cycles), these boards allow for easy replacement of individual relays if a contact wears out, without replacing the entire PLC card.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the F2VS-4E-R relays?
    • ⤷ How do I wire a common-positive (PNP) vs common-negative (NPN) signal to this board?
    • ⤷ Is there a Solid State Relay (SSR) equivalent for this specific model?