Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FAP-A5-R

  • AI
    The **FAP-A5-R** refers to the **FAP Series Automatic Fire Alarm Heat Detector** (specifically the addressable thermal sensor models manufactured by companies like Hochiki or similar industrial fire safety providers). These devices are critical nodes in a fire alarm system. Below is an explanation of the electronic components and technical specifications of this series. --- ### 1. Core Electronic Components The FAP-A5-R is an **addressable thermal detector**. Its electronic architecture consists of three main segments: | Component | Function | | :--- | :--- | | **Thermistor** | A temperature-sensitive resistor that changes resistance based on ambient heat. | | **ASIC/Microprocessor** | Converts analog signals from the thermistor into digital data for the control panel. | | **EEPROM** | Stores the unique digital address of the device (programmed via a handheld tool). | | **Status LEDs** | Two-color LEDs (usually Red/Green) that indicate polling status and alarm state. | | **Communication Circuit** | Manages data transmission over the SLC (Signaling Line Circuit) loop. | --- ### 2. Operating Principles The electronics are designed to trigger based on two specific thermal conditions: 1. **Fixed Temperature:** The device triggers an alarm when the ambient temperature reaches a pre-set threshold (typically **57°C / 135°F**). 2. **Rate-of-Rise (RoR):** The circuitry monitors how fast the temperature increases. If it rises faster than a specific rate (e.g., 8.3°C per minute), the electronic logic triggers an alarm even if the fixed threshold hasn't been reached yet. --- ### 3. Technical Specifications Typical electronic parameters for the FAP-A5-R series: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 17.0 – 41.0 VDC | | **Current Consumption (Standby)** | ~350μA | | **Current Consumption (Alarm)** | ~500μA (plus LED current) | | **Protocol** | Digital Communication (DCP or similar proprietary) | | **Wiring** | 2-Wire (Loop Powered) | | **Operating Temp Range** | -10°C to 50°C (14°F to 122°F) | --- ### 4. Communication & Addressing Unlike conventional detectors that simply short the circuit during an alarm, the FAP-A5-R electronics allow for: * **Individual Identification:** The Fire Alarm Control Panel (FACP) knows exactly which room/detector is triggered. * **Polling:** The panel "asks" the detector its status every few seconds. * **Sensitivity Adjustment:** Some models allow the panel to electronically adjust the heat threshold based on the environment (e.g., a kitchen vs. a hallway). --- ### 5. Wiring Diagram Logic The base for the FAP-A5-R usually contains the terminals for the SLC loop. ```text [Loop In +] ---- [Terminal 1] ---- [Internal Electronics] ---- [Terminal 2] ---- [Loop Out +] [Loop In -] ---- [Terminal 3] -------------------------------- [Terminal 4] ---- [Loop Out -] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FAP-A5-R and a smoke detector in terms of sensor electronics?
    • ⤷ How do you program the digital address for this specific detector?
    • ⤷ Can the FAP-A5-R be used in hazardous or explosive environments?