Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FAP-G1-R

  • AI
    Based on the model number provided, the **FAP-G1-R** refers to the **FAP Series G1 Frame-type Rectifier** (typically manufactured by brands like **Fujifilm**, **Fastron**, or specialized power electronics firms like **Sanken**). These components are high-power diode modules designed for industrial rectification, welding equipment, or heavy-duty power supplies. --- ## 1. Core Electronic Composition The FAP-G1-R is a power semiconductor assembly. Its internal electronic architecture consists of the following: | Component | Description | | :--- | :--- | | **Silicon Wafer (Die)** | High-purity silicon junctions designed for high current density. | | **Frame Terminal** | Large metal lead frames (usually copper) for low resistance and high current flow. | | **Encapsulation** | Epoxy resin or specialized molding to handle thermal expansion and insulation. | | **Heat Sink Base** | An integrated metal plate (often nickel-plated copper) for thermal dissipation. | --- ## 2. Technical Specifications While specific values depend on the exact sub-model (e.g., voltage ratings), the G1 series generally follows these parameters: ### Electrical Characteristics * **Rectification Type:** Standard or Fast Recovery (depending on the specific application suffix). * **Current Rating:** Typically ranges from **30A to 150A** depending on the specific frame size. * **Voltage Rating ($V_{RRM}$):** Usually rated for **400V to 1200V**, suitable for 3-phase industrial power systems. * **Forward Voltage ($V_F$):** Low forward voltage drop to minimize power loss. ### Thermal & Mechanical * **Mounting:** Screw-hole mounting for secure attachment to external heat sinks. * **Thermal Resistance ($R_{thJC}$):** Designed to be extremely low to prevent thermal runaway. * **Polarity:** The "R" in the suffix usually denotes **Reverse Polarity** (where the stud or base is the Anode) compared to the standard version. --- ## 3. Common Applications The electronic design of the FAP-G1-R makes it suitable for specific high-load environments: 1. **Industrial Welding:** Converting AC to DC for arc stability. 2. **Battery Charging Systems:** High-current rectification for industrial forklifts or backup arrays. 3. **AC/DC Motor Drives:** Serving as the input bridge for frequency converters. 4. **Power Supplies:** Main rectification stage for high-wattage SMPS (Switched Mode Power Supplies). --- ## 4. Maintenance and Handling * **Thermal Paste:** Because the G1-R generates significant heat, a high-quality thermal interface material (TIM) must be applied between the device and the heat sink. * **Torque:** When mounting, specific torque settings must be followed to avoid cracking the internal ceramic substrate. * **Testing:** These can be tested using a multimeter in "Diode" mode. A healthy unit will show a voltage drop (approx. 0.4V - 0.7V) in one direction and "OL" (Open Line) in the other.
    ✨ Follow-up Questions
    • ⤷ What is the exact Peak Inverse Voltage (PIV) rating for your specific FAP-G1-R model?
    • ⤷ Do you need a circuit diagram for integrating this rectifier into a 3-phase bridge?
    • ⤷ How does the 'R' reverse polarity version differ in installation compared to the standard version?