Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FCR-21-R

  • AI
    The **FCR-21-R** is an electronic component, specifically a **low-profile, surface-mount (SMD) tactile switch** or part of a series often associated with signal relays or connectors depending on the specific manufacturer (commonly linked to **Nidec Copal Electronics** or specialized connector series). In most contexts, the "FCR" designation refers to **Flexible Circuit Connectors** or **Tactile Switches**. Below is the breakdown of the electronic characteristics typically associated with this part number series. --- ## 1. Technical Specifications The electronic behavior of the FCR-21-R is defined by its contact resistance and voltage ratings. | Parameter | Typical Value | | :--- | :--- | | **Contact Rating** | Max 50mA, 12V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Force** | 1.57N to 2.5N (varies by sub-model) | | **Travel (Stroke)** | 0.25mm - 0.30mm | --- ## 2. Key Electronic Features ### A. Surface Mount Technology (SMT) The "R" suffix often denotes **Tape and Reel** packaging, indicating the part is designed for automated pick-and-place assembly. The electronic leads are shaped for reflow soldering on a PCB. ### B. Contact Mechanism * **Snap-action:** It uses a metal dome or a spring-loaded contact mechanism that provides tactile feedback (a "click") to the user. * **Gold or Silver Plating:** The internal contacts are usually plated with silver (standard) or gold (high reliability) to prevent oxidation and ensure low contact resistance over time. ### C. Environmental Protection Many parts in the FCR series are designed with a **washable** or **sealed** construction (IP64 or higher equivalent), protecting the electronic contacts from dust and flux during the soldering process. --- ## 3. Pin Configuration & Mounting The FCR-21-R typically features a 4-pin or 2-pin layout designed for stability: 1. **Input Terminals:** Connected to the power source or signal line. 2. **Output Terminals:** Connected to the microcontroller or load. 3. **Ground/Shielding:** Some variants include a metal cover plate that can be grounded to reduce Electro-Magnetic Interference (EMI). --- ## 4. Typical Applications Because of its small footprint and reliable electronic switching, it is commonly used in: * **Consumer Electronics:** Handheld devices, remote controls. * **Industrial Controls:** Panel resets, mode selection switches. * **Medical Equipment:** Interface buttons on portable diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of the FCR-21-R you are using?
    • ⤷ Are you looking for a pinout diagram for PCB footprint design?
    • ⤷ What is the maximum operating temperature for this component?