Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FCR-52-R

  • AI
    The **FCR-52-R** refers to a specific series of high-precision, fixed chip resistors. These components are primarily used in electronic circuits for current limiting, voltage division, and impedance matching where reliability and stability are paramount. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The FCR series (specifically the 52-R suffix variants) typically follows these electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Chip Resistor | | **Resistance Range** | 1Ω to 10MΩ (Varies by specific sub-model) | | **Power Rating** | 1/4W (0.25W) or 1/2W (0.50W) depending on size | | **Tolerance** | ±1% (F) or ±5% (J) | | **Temp. Coefficient (TCR)** | ±100 ppm/°C to ±200 ppm/°C | | **Operating Temp.** | -55°C to +155°C | --- ### 2. Composition and Construction The electronic functionality of the FCR-52-R is determined by its physical layers: * **Substrate:** Usually a high-grade Alumina ($Al_2O_3$) ceramic which provides excellent thermal dissipation and insulation. * **Resistive Element:** A thick film metal glaze or metal film layer that determines the resistance value. * **Terminations:** Multi-layer construction consisting of: 1. Inner electrode (Silver-based). 2. Barrier layer (Nickel plating to prevent "leaching"). 3. Outer layer (Tin plating for lead-free soldering compatibility). * **Protection:** An epoxy or glass overcoat to protect the resistive element from moisture and mechanical damage. --- ### 3. Circuit Applications Because of its "R" designation (often indicating Tape & Reel packaging or specific lead forming), it is commonly found in: 1. **Consumer Electronics:** Power supplies for laptops, TVs, and appliances. 2. **Industrial Controls:** Signal conditioning for sensors and PLCs. 3. **Automotive:** Used in non-safety critical modules like infotainment or lighting controls (provided it meets AEC-Q200 standards). --- ### 4. Part Number Breakdown Example If the part number is interpreted as `FCR-52-R-102-F`: * **FCR:** Series Name (Fixed Chip Resistor). * **52:** Physical size code or power rating indicator. * **R:** Packaging type (Taped and Reeled). * **102:** Resistance value (10 + two zeros = 1000Ω or 1kΩ). * **F:** Tolerance (±1%). ---
    ✨ Follow-up Questions
    • ⤷What is the physical package size (EIA code) for the FCR-52-R?
    • ⤷ Does the FCR-52-R support wave soldering or only reflow soldering?
    • ⤷ Is there an AEC-Q200 qualified version for automotive use?