FCR-BZ-R
AI

The **FCR-BZ-R** is a specific series of **FPC/FFC (Flexible Printed Circuit / Flexible Flat Cable) Connectors** manufactured by **Fujikura**. These components are designed for high-density electronic assemblies, commonly found in consumer electronics, automotive displays, and medical devices.
---
## 1. Technical Specifications
The FCR-BZ-R series is characterized by its "Backlock" mechanism and low-profile design. Below are the primary electronic and physical specifications:
| Parameter | Specification Details |
| :--- | :--- |
| **Pitch Distance** | Typically 0.3mm or 0.5mm (varies by specific sub-model) |
| **Circuit Count** | Range from 10 to 60+ positions |
| **Current Rating** | Approximately 0.2A - 0.5A per pin |
| **Voltage Rating** | 50V AC/DC |
| **Contact Resistance** | Max 50mΩ - 100mΩ |
| **Insulation Resistance** | Min 500MΩ at 500V DC |
| **Operating Temp** | -40°C to +85°C (standard industrial grade) |
---
## 2. Key Design Features
### A. Backlock (Rotary Storage) Mechanism
The "BZ" in the part number often refers to the **Backlock** type actuator. Unlike front-flip connectors, the locking lever is located on the opposite side of the cable entry.
* **Electronic Integrity:** This design ensures that the FPC cable does not easily pull out during the locking process, maintaining a stable electrical connection.
* **Space Saving:** Allows for components to be placed closer to the connector mouth.
### B. ZIF (Zero Insertion Force)
The connector utilizes ZIF technology. This means there is no friction against the delicate gold-plated fingers of the FPC when it is inserted. This prevents:
* Physical wear on the contact pads.
* Intermittent signals caused by pad delamination.
### C. Bottom Contact Configuration
The "R" in the suffix usually denotes the contact orientation (often **Bottom Contact**). This means the conductive traces on the flexible cable must face downwards toward the PCB to complete the circuit.
---
## 3. Typical Application Schematic
In a hardware design, the FCR-BZ-R functions as the bridge between a main logic board and a peripheral.
```mermaid
graph LR
A[Main PCB] --- B[FCR-BZ-R Connector]
B --- C[Flexible Flat Cable]
C --- D[LCD Display / Sensor]
```
---
## 4. Materials and Reliability
* **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer), suitable for lead-free reflow soldering.
* **Contacts:** Copper alloy with selective **Gold over Nickel** plating to prevent oxidation and ensure long-term conductivity.
* **Solder Tabs:** Provided on the sides of the connector to increase mechanical "peel strength" off the PCB during cable manipulation.
- ⤷
What are the specific PCB footprint requirements for the 0.3mm pitch FCR-BZ-R?
- ⤷ How does the Backlock mechanism compare to a Side-entry slider in terms of durability?
- ⤷ Which specific FPC thickness is required for the FCR-BZ-R series?