Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FDK150-830-R

  • AI
    The **FDK150-830-R** is a specific electronic component typically categorized as a **High-Efficiency DC-DC Converter Module**. These modules are designed for telecommunications, computing, and industrial applications where reliable power conversion is required within a compact footprint. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the FDK150-830-R: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Standard 48V Nominal) | | **Output Voltage** | 3.3V DC (Fixed/Adjustable) | | **Maximum Output Current** | 30 Amperes | | **Maximum Output Power** | Approx. 100 Watts | | **Efficiency** | Up to 90% or higher | | **Form Factor** | Quarter-Brick (or similar high-density package) | --- ### 2. Major Electronic Sub-Systems The internal circuitry of this module consists of several critical stages: 1. **Input Filter Stage**: * **Function**: Utilizes inductors and capacitors (LC circuit) to suppress electromagnetic interference (EMI) and handle input voltage ripples. 2. **Power Switching (MOSFETs)**: * **Function**: High-speed semiconductor switches convert DC input into high-frequency AC for efficient transformation. 3. **High-Frequency Transformer**: * **Function**: Provides galvanic isolation between the input and output stages while stepping down the voltage. 4. **Synchronous Rectification**: * **Function**: Uses low-resistance MOSFETs on the output side instead of diodes to minimize power loss and heat generation. 5. **Control IC & Feedback Loop**: * **Function**: Monitors the output voltage and adjusts the Pulse Width Modulation (PWM) signal to maintain a steady 3.3V, even under varying load conditions. --- ### 3. Protection Features The FDK150-830-R is engineered with safety protocols to protect both the module and the connected hardware: * **Over-Current Protection (OCP)**: Automatically limits current or shuts down if the load exceeds 30A. * **Over-Voltage Protection (OVP)**: Prevents the output from spiking and damaging sensitive downstream components. * **Thermal Shutdown (OTP)**: If the internal temperature exceeds safe limits (usually due to poor airflow), the module shuts off. * **Under-Voltage Lockout (UVLO)**: Prevents the device from operating if the input voltage is too low to ensure stable operation. --- ### 4. Typical Connection Pinout While specific layouts may vary by manufacturer, these modules generally follow a standard pin configuration: ```text Input Side: Output Side: +Vin (Input High) +Vout (Output High) -Vin (Input Low/GND) -Vout (Output Return) Remote ON/OFF Trim (Voltage Adjustment) Sense (+/-) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the FDK150-830-R?
    • ⤷ Can the output voltage be adjusted beyond 3.3V using the Trim pin?
    • ⤷ What are the recommended heat sinking requirements for this module at full load?