Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FDR1020E

  • AI
    The **FDR1020E** is a high-performance **Fast Recovery Diode (FRD)** typically used in power electronics for rectification and high-speed switching. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The FDR1020E is designed to handle high current while maintaining low power loss during the switching phase. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Fast Recovery Diode | Optimized for high-speed switching | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 200V | The maximum voltage it can withstand in reverse bias | | **Average Forward Current ($I_{F(AV)}$)** | 10A | The maximum sustained current it can conduct | | **Reverse Recovery Time ($t_{rr}$)** | ~35ns (typical) | How quickly the diode stops conducting after switching | | **Forward Voltage Drop ($V_F$)** | ~0.95V - 1.1V | Energy loss during forward conduction | | **Operating Temperature ($T_j$)** | -55 to +150 °C | Range of safe operation for the silicon junction | --- ## 2. Key Electronic Features ### A. Ultrafast Recovery Time Unlike standard rectifiers (like the 1N4007), the FDR1020E has a very short **$t_{rr}$**. This reduces switching losses, which is critical for high-frequency circuits where heat generation is a primary concern. ### B. Soft Recovery Characteristics It is designed for "soft" recovery, meaning the current returns to zero in a controlled manner. This minimizes **Electromagnetic Interference (EMI)** and voltage spikes that could damage sensitive components. ### C. Low Forward Voltage Drop The low $V_F$ ensures high efficiency. Less power is dissipated as heat, allowing for smaller heat sinks and more compact device designs. --- ## 3. Circuit Applications The FDR1020E is commonly found in the following electronic environments: 1. **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. 2. **DC-DC Converters:** Acts as a "freewheeling diode" to protect transistors from inductive spikes. 3. **Inverters:** Used in motor drive circuits and solar power systems. 4. **PFC (Power Factor Correction):** Enhances the efficiency of power input stages. --- ## 4. Typical Internal Structure The component is usually housed in a **TO-220** or **D-PAK** package to facilitate heat dissipation. Internally, it utilizes a "Planar" or "Platinum Doped" construction to achieve the balance between high voltage tolerance and fast switching speed. ```c // Simplified Circuit Representation (Freewheeling Diode) [Inductive Load] ----+---- [Transistor] ---- GND | [FDR1020E Diode] (Reverse Biased) | [Vcc] ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FDR1020E and a standard Schottky diode?
    • ⤷ How does the reverse recovery time impact the efficiency of a power supply?
    • ⤷ Which package variants is the FDR1020E commonly available in?