Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FDVE0630-R33M

  • AI
    # FDVE0630-R33M: Technical Overview The **FDVE0630-R33M** is a high-performance, metal alloy power inductor manufactured by **Murata Electronics**. It belongs to the FDVE series, which is specifically designed for high-current power supply circuits where space is limited. --- ### 1. Key Specifications The following table highlights the critical electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 1.8 mΩ (Max) / 1.5 mΩ (Typ) | | **Rated Current (Isat)** | 22.0 A (Max) | | **Rated Current (Itemp)** | 18.0 A (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 6.3 x 6.0 x 3.0 mm | --- ### 2. Physical Construction * **Metal Alloy Core:** Unlike traditional ferrite inductors, this part uses a metal alloy powder core. This provides **soft saturation** characteristics, meaning the inductance drops gradually as current increases rather than dropping sharply. * **Magnetic Shielding:** The molded construction provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components. * **Surface Mount (SMD):** Designed for automated pick-and-place assembly with high vibration resistance. --- ### 3. Functional Advantages 1. **High Current Handling:** Due to the 0.33 µH low inductance and low DCR, it can handle high peak currents (up to 22A) without saturating. 2. **Efficiency:** The extremely low DC resistance (1.5 mΩ) minimizes power loss due to heat ($P = I^2R$), making it ideal for battery-operated devices. 3. **Acoustic Noise Reduction:** The molded structure reduces "coil whine" or audible noise caused by magnetostriction in high-frequency switching environments. --- ### 4. Typical Applications This component is commonly found in DC-DC converter modules for: * **Computing:** CPU/GPU voltage regulator modules (VRMs). * **Mobile Devices:** High-efficiency power rails in smartphones and tablets. * **Servers:** Low-profile point-of-load (POL) converters. * **Automotive:** Infotainment and ADAS power supplies (ensure AEC-Q200 compliance if applicable). --- ### 5. Part Number Breakdown The nomenclature follows Murata’s standard for power inductors: * **FDVE:** Series name (Molded metal alloy type). * **0630:** Dimensions (6.3mm x 6.0mm x 3.0mm). * **R33:** Inductance value (R33 = 0.33 µH). * **M:** Tolerance (M = ±20%).
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Itemp ratings for this inductor?
    • ⤷ Are there AEC-Q200 qualified versions of the FDVE series?
    • ⤷ How does the metal alloy core compare to a traditional ferrite core in terms of EMI?