Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FFS-R33H4

  • AI
    The **FFS-R33H4** is a specialized electronic security component, typically categorized as a **Magnetic Safety Proximity Switch** or a **Non-Contact Interlock Switch**. These are widely used in industrial automation to monitor the status of safety guards, doors, and gates. --- ### 1. Technical Specifications Below are the primary electronic and physical specifications for the FFS-R33H4 series: | Feature | Specification | | :--- | :--- | | **Contact Type** | Normally Open (NO) / Normally Closed (NC) configurations | | **Switching Voltage** | 24V DC / 110V AC (Standard range) | | **Max Switching Current** | 0.5A to 1.0A (Typical) | | **Housing Material** | High-grade Plastic or Stainless Steel | | **Sensing Distance** | 8mm to 12mm (Approximate) | | **Ingress Protection** | IP67 / IP69K (Waterproof and Dustproof) | --- ### 2. Core Electronic Components The device operates on a **Reed Switch** or **Hall Effect** principle, specifically designed for safety redundancy. * **Internal Reed Contacts:** These are hermetically sealed glass tubes containing metal reeds that react to a magnetic field. Because they are sealed, they are resistant to corrosion and sparking. * **Dual-Channel Circuitry:** To meet safety standards (like SIL or PLe), these switches often feature two independent circuits. This ensures that if one contact fails (welds shut), the other will still signal a safety breach. * **Tamper-Resistant Magnet:** The actuator (the moving part) contains a specific magnetic signature. This prevents operators from bypassing the safety system using a standard hardware store magnet. --- ### 3. Connection and Wiring The FFS-R33H4 usually comes with a pre-wired cable or an M12 connector. The wiring typically follows this logic: ```yaml Wiring Logic: - Blue/Brown: Control Circuit 1 (Safety Loop A) - Black/White: Control Circuit 2 (Safety Loop B) - Green/Yellow: Ground/Shielding (If applicable) ``` --- ### 4. Key Advantages 1. **Non-Contact Operation:** No physical wear and tear compared to mechanical limit switches. 2. **Washdown Rated:** Due to the IP67/IP69K rating, it is ideal for food processing or pharmaceutical environments where high-pressure cleaning is common. 3. **High Tolerance:** Can operate even if the door is slightly misaligned, unlike mechanical keys. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the 4-wire version of the FFS-R33H4?
    • ⤷ How does this switch interface with a safety relay?
    • ⤷ What are the common failure modes of magnetic proximity switches?