Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FLCS-21-R/Q

  • AI
    The **FLCS-21-R/Q** is a high-performance, compact liquid cooling system (Heat Exchanger) typically utilized in electronic enclosures, military avionics, or high-density server environments. While the unit is primarily mechanical/thermal in nature, its electronic integration is critical for system monitoring and thermal management. --- ## 1. Electronic Components Overview The electronic aspects of the FLCS-21-R/Q revolve around power delivery, sensor feedback, and control logic for the integrated pump and fans. ### Key Electronic Subsystems | Component | Description | Function | | :--- | :--- | :--- | | **Pump Controller** | Internal DC motor drive electronics. | Regulates the flow rate of the coolant. | | **Fan Array** | High-static pressure brushless DC fans. | Provides airflow across the heat exchanger fins. | | **Thermal Sensors** | RTD or Thermistor probes. | Monitors inlet/outlet fluid temperatures. | | **Flow Switch/Sensor** | Hall-effect or optical sensor. | Detects if liquid flow is interrupted to prevent hardware damage. | | **Control Interface** | Analog or Digital (PWM) input. | Allows an external PLC or computer to throttle cooling power. | --- ## 2. Electrical Specifications The "R/Q" variants often denote specific power configurations (typically 24V or 28V DC systems common in aerospace or industrial standards). | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 24V DC / 28V DC | | **Current Draw** | 5A - 12A (Depending on fan speed/pump load) | | **Signaling** | PWM (Pulse Width Modulation) or 0-10V Analog | | **Connector Type** | MIL-DTL style or industrial circular connectors | --- ## 3. Integration & Control Logic The electronic management system of the FLCS-21-R/Q ensures that the cooling capacity matches the heat load of the target electronics. ### Control Modes 1. **Manual/Fixed:** The fans and pump run at a constant RPM. 2. **Autonomous (Closed-Loop):** The internal electronics adjust fan speed based on the temperature sensors embedded in the coolant loop. 3. **Remote Monitoring:** The system provides a "Tachometer" or "Fault" signal (Discrete signal) to an external controller to indicate if a fan has failed or if the pump has stalled. ### Wiring Diagram Concept ```python # Simplified Logic Representation if coolant_temp > threshold: increase_fan_duty_cycle() increase_pump_voltage() elif flow_rate < minimum_safety: trigger_alarm_signal(HIGH) shutdown_critical_payload() ``` --- ## 4. Maintenance of Electronic Parts * **EMI Shielding:** The electronics are usually housed in a shielded enclosure to prevent interference with sensitive RF equipment. * **Moisture Protection:** Since the unit handles liquid, the PCBs (Printed Circuit Boards) are often conformal coated to prevent short circuits due to condensation or leaks.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the FLCS-21-R power connector?
    • ⤷ How does the 'R' variant differ from the 'Q' variant in terms of electronics?
    • ⤷ Is there a digital communication protocol like RS-485 or CAN bus supported?