Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FMS-2-R

  • AI
    The **FMS-2-R** is a specific model of a **Fast Muting Sensor** (often associated with brands like Leuze or specialized industrial automation systems). It is primarily used in safety light curtain applications to distinguish between a human entering a restricted zone and a pallet/load passing through. --- ### ## Core Electronic Components The electronics within the FMS-2-R are designed for high-speed signal processing and reliability in harsh industrial environments. | Component Category | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Embedded logic controller | Processes the "Muting" logic and timing sequences. | | **Infrared (IR) Emitters** | GaAs or AlGaAs LEDs | Projects the sensing beam across the conveyor path. | | **Photodetectors** | High-speed photodiodes | Receives the IR signal and converts light to voltage. | | **ASIC / Comparator** | Signal conditioning circuitry | Filters ambient light noise and differentiates pulses. | | **Output Drivers** | Transistor-based (PNP/NPN) | Sends the status signal to the Safety PLC or Controller. | --- ### ### Technical Specifications (Electronic) The following table highlights the typical electrical parameters required to operate the FMS-2-R: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 18V to 30V DC | | **Current Consumption** | ~50mA to 100mA | | **Switching Output** | PNP (Push-Pull) or NPN | | **Response Time** | < 1ms to 20ms (adjustable) | | **Connection Type** | M12 Connector (4-pin or 5-pin) | --- ### ### Operational Logic The electronic circuitry follows a specific logic sequence to prevent accidental machine shutdowns: 1. **Beam Breaking:** When an object breaks the first IR beam, the electronics start a timer. 2. **Validation:** The second beam must be broken within a specific millisecond window (Muting sequence). 3. **Bypass Signal:** The electronics send a "Mute" command to the safety light curtain, allowing the object to pass without triggering an E-Stop. 4. **Auto-Reset:** Once both beams are cleared, the electronics restore the active safety field. --- ### ### Connection Schematic Example *Note: Always refer to the specific manufacturer datasheet for pin numbering.* ```text Pin 1: +24V DC (Brown) Pin 2: Control Input / Sync (White) Pin 3: 0V / Ground (Blue) Pin 4: Switching Output (Black) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the PNP and NPN versions of the FMS-2-R?
    • ⤷ How do you adjust the sensitivity or timing parameters on this sensor?
    • ⤷ What are the common failure codes or diagnostic LED patterns for this unit?