Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FPM3182H-R010JAP

  • AI
    The **FPM3182H-R010JAP** is a high-precision, low-resistance shunt resistor typically used for current sensing applications. These components are critical in power management systems where monitoring current flow with minimal energy loss is required. ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Metal Plate Shunt Resistor (Current Sense) | | **Resistance Value** | 10 mΩ (0.010 Ohms) | | **Resistance Tolerance** | ±5% (indicated by 'J' in the suffix) | | **Power Rating** | High Power (Typically 3W to 5W depending on thermal management) | | **Technology** | Metal Alloy Plate for high stability | | **Operating Temp** | -55°C to +170°C | --- ### 2. Detailed Electronic Characteristics #### A. Resistance Precision (R010J) The part number segment `R010` signifies **10 milliohms**. The `J` represents a **5% tolerance**. While 5% is standard, the metal plate construction ensures that the resistance remains stable even under high thermal stress. #### B. Temperature Coefficient of Resistance (TCR) As a high-end shunt, this part features a low TCR. This means the resistance value does not drift significantly as the component heats up, ensuring that current measurements remain accurate during continuous operation. #### C. Construction and Heat Dissipation The "FPM" series utilizes a robust metal alloy element. Unlike thick-film resistors, metal plate resistors can handle high pulse currents and have superior heat dissipation properties, which prevents the component from burning out during overcurrent events. --- ### 3. Common Applications Because of its low resistance and high power handling, the FPM3182H-R010JAP is found in the following electronic modules: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Lithium batteries. * **DC-DC Converters:** Providing feedback loops for current-mode control. * **Motor Controllers:** Sensing phase current to protect the motor and drive circuitry. * **Automotive Electronics:** Power distribution units and electronic power steering. --- ### 4. Typical Connection Diagram In a circuit, this part is placed in series with the load. The voltage drop ($V$) across the resistor is measured to calculate the current ($I$) using Ohm’s Law: $I = V / R$. ```text [Power Source] ----+---- [Load] ----+---- [Ground] | | +--[ R010 Shunt ]--+ | | +----(To ADC)----+ ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its wattage?
    • ⤷ How does the 'J' tolerance affect measurement accuracy in a BMS?
    • ⤷ Are there 1% tolerance alternatives available for the FPM3182H series?