FPM3184H-R010GFP
AI

The **FPM3184H-R010GFP** is a high-performance fingerprint sensor module, typically utilized in biometric security systems, smart locks, and attendance terminals. It integrates optical sensing technology with advanced processing capabilities.
---
## 1. Technical Specifications
The following table summarizes the key electronic and performance characteristics of the FPM3184H-R010GFP module:
| Feature | Specification |
|:---|:---|
| **Sensor Type** | Optical CMOS Sensor |
| **Operating Voltage** | DC 3.6V to 6.0V |
| **Operating Current** | < 120mA (Peak) |
| **Communication Interface** | UART (TTL Serial) / USB 1.1 |
| **Baud Rate** | 9600 to 115200 bps (Default: 57600) |
| **Resolution** | 500 DPI |
| **Image Scanning Time** | < 0.2 Seconds |
| **Storage Capacity** | Up to 1,000 Fingerprints (Model dependent) |
---
## 2. Key Electronic Components
The module is composed of several critical electronic sub-systems:
### A. Optical Sensing Array
The core is a CMOS image sensor coupled with a prism and LED illumination. When a finger is placed on the glass, the internal LEDs light up, and the CMOS sensor captures the high-resolution image of the ridges and valleys.
### B. Digital Signal Processor (DSP)
The onboard DSP chip handles the heavy lifting of biometric processing:
* **Image Pre-processing:** Enhancing contrast and removing noise.
* **Feature Extraction:** Generating a unique mathematical template (minutiae points).
* **Matching Algorithm:** Comparing the live scan against the stored database.
### C. Flash Memory
Integrated non-volatile memory (Flash) is used to store the encrypted fingerprint templates. This ensures that even when the power is disconnected, the user data remains secure.
---
## 3. Pinout Configuration
The module usually communicates via a 6-pin connector. A typical pinout for this series is as follows:
| Pin Number | Name | Type | Description |
|:---:|:---|:---:|:---|
| 1 | **VCC** | Power | 3.3V - 5V Power Input |
| 2 | **GND** | Ground | System Ground |
| 3 | **TX** | Output | Serial Data Transmit (TTL) |
| 4 | **RX** | Input | Serial Data Receive (TTL) |
| 5 | **IRQ** | Output | Interrupt (Sensor touch detection) |
| 6 | **NC** | - | Not Connected |
---
## 4. Operational Modes
The FPM3184H-R010GFP operates primarily through a command-response protocol over UART:
1. **Sleep Mode:** Low power consumption while waiting for a finger touch.
2. **Capture Mode:** Activating LEDs and the CMOS sensor to grab an image.
3. **Authentication Mode:** Comparing the current scan with a specific ID stored in the Flash memory.
- ⤷
What are the standard UART command sets used for fingerprint enrollment?
- ⤷ How does the IRQ pin assist in low-power battery applications?
- ⤷ Can this module be interfaced directly with a 3.3V microcontroller like an ESP32?