FPM4182H-R010FAQ
AI

The **FPM4182H-R010FAQ** is a specialized electronic component, typically categorized as a high-precision **Current Sense Resistor** (Shunt Resistor). These components are critical in power management systems for measuring current flow with minimal energy loss.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics of this series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Metal Alloy Shunt Resistor (SMD) |
| **Resistance Value** | 10 mΩ (milliohms) |
| **Tolerance** | ±1% (Standard for 'F' designation) |
| **Power Rating** | 3W - 5W (Depending on thermal management) |
| **Temperature Coefficient (TCR)** | Low (typically < 50 ppm/°C) |
| **Package Size** | 4182 Metric (approx. 10.5 x 2.1 mm) |
---
### 2. Key Electronic Components & Construction
The FPM4182H-R010FAQ is engineered using specific materials to ensure stability under high loads:
* **Resistive Element:** Usually a Manganese-Copper (Manganin) or Nickel-Chrome alloy. These materials provide a stable resistance even as the temperature rises.
* **Terminal Structure:** Large copper terminals are used to minimize "Parasitic Resistance." This ensures that the voltage drop measured is strictly across the resistive element, not the solder joints.
* **Encapsulation:** High-temperature molded epoxy or ceramic coating for environmental protection and heat dissipation.
---
### 3. Functional Application
In a circuit, this part functions as a **Shunt**. According to Ohm's Law ($V = I \times R$), as current ($I$) passes through the $10\text{ m}\Omega$ resistor, a small voltage ($V$) is generated.
#### Common Use Cases:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in EV batteries or power tools.
2. **DC-DC Converters:** Providing feedback loops for current-mode control.
3. **Motor Controllers:** Sensing phase current to prevent over-current damage.
---
### 4. Part Number Decoding (Typical)
While naming conventions vary slightly by manufacturer (e.g., Cyntec, Isabellenhütte), the string usually breaks down as follows:
```text
FPM - Series (Power Metal Plate)
4182 - Case Size (Dimensions)
H - Power/Temperature Rating code
R010 - Resistance Value (0.010 Ohms or 10mΩ)
F - Tolerance (±1%)
AQ - Automotive Grade / Qualification (AEC-Q200)
```
- ⤷
What are the thermal dissipation requirements for the 4182 package size?
- ⤷ How does a 1% tolerance affect the accuracy of current measurement in a BMS?
- ⤷ Can this resistor be used in high-frequency switching power supplies?