Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FPV325-20-R050LS

  • AI
    The **FPV325-20-R050LS** is a specialized electronic component primarily categorized as a **Thin Film Precision Resistor** (often used in sensing or high-stability applications). It is frequently utilized in high-frequency circuits or precise power management due to its "Face-down" (Flip-chip) mounting style which minimizes inductance. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 50 mΩ (0.050Ω) | Indicated by "R050" | | **Tolerance** | ±0.5% | Indicated by the "D" or "L" class suffix | | **Case Size** | 3225 (Metric) / 1210 (Imperial) | 3.2mm x 2.5mm dimensions | | **Power Rating** | 1.0W - 2.0W | High power density for its size | | **Technology** | Metal Foil / Thin Film | Provides low noise and high stability | | **Mounting Type** | Surface Mount (SMD) | Face-down terminal construction | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's build: * **FPV**: Series prefix (typically stands for **F**ace-down **P**recision **V**ariation/Voltage). * **325**: Physical size (3.2mm x 2.5mm). * **20**: Often refers to the Power Rating (e.g., 2.0 Watts) or Temperature Coefficient. * **R050**: The Resistance value. The "R" acts as a decimal point, meaning $0.050$ Ohms. * **L**: Tolerance code (often representing $\pm 0.5\%$ or $\pm 1\%$). * **S**: Packaging code (usually "Tape and Reel"). --- ### 3. Functional Features The "Face-down" construction of the FPV series offers several advantages over standard thick-film resistors: 1. **Low Parasitic Inductance:** Because the resistive element is closer to the PCB, there is less "loop" for electromagnetic interference, making it ideal for high-speed switching. 2. **Superior Heat Dissipation:** The face-down structure allows heat to transfer directly from the resistive element to the solder pads and PCB traces. 3. **High Stability:** Thin film technology ensures the resistance value does not drift significantly under high temperatures or over long periods of time. --- ### 4. Common Applications Due to its low resistance (50 mΩ) and high precision, this part is commonly found in: * **Current Sensing:** Measuring current flow in battery management systems (BMS). * **DC-DC Converters:** Acting as a shunt resistor for feedback loops. * **CPU/GPU Power Rails:** Providing precise voltage regulation in computing hardware. * **Telecommunications:** High-frequency signal conditioning.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FPV series resistors?
    • ⤷ How does 'Face-down' mounting compare to standard 'Face-up' SMD mounting regarding EMI?
    • ⤷ Are there alternative resistance values available in the 3225 package size?