Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRN-R

  • AI
    ## FRN-R Series Electronic Components The **FRN-R** is a specific class of industrial-grade electrical fuses. Specifically, it refers to **Fusetron™ dual-element, time-delay fuses** classified under **UL Class RK5**. These are widely used in electrical distribution systems to protect motors, transformers, and branch circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Class** | RK5 | | **Voltage Rating** | 250Vac (or less), 125Vdc | | **Amperage Range** | 1/10A to 600A | | **Interrupting Rating** | 200,000A RMS Symmetrical (AC) | | **Construction** | Dual-element (Time-delay) | | **Material** | Fiberglass or Melamine tube with Brass/Copper caps | --- ### 2. Physical Design and Functionality The FRN-R series is defined by its **Dual-Element** architecture, which allows it to handle two different types of electrical faults: 1. **Thermal Element (Overload Protection):** * Designed to handle temporary surges (like motor startups). * The center of the fuse contains a spring-loaded solder joint. If a moderate overload persists, the solder melts, and the spring pulls the circuit apart. 2. **Magnetic Element (Short-Circuit Protection):** * Designed for instantaneous response. * In the event of a high-energy short circuit, the fuse links at either end blow immediately to prevent equipment damage or fire. --- ### 3. Applications Because of the "Time-Delay" characteristic, FRN-R fuses are the industry standard for: * **Motor Protection:** They do not blow during the high "inrush" current required to start a motor. * **Main and Branch Circuits:** Providing high-level current limitation to prevent downstream damage. * **Inductive Loads:** Such as transformers and solenoids. --- ### 4. Comparison: FRN-R vs. FRS-R | Model | Voltage Rating | Typical Use Case | | :--- | :--- | :--- | | **FRN-R** | 250 Volts | Residential/Light Industrial (Standard outlets/motors) | | **FRS-R** | 600 Volts | Heavy Industrial (Large machinery/3-phase systems) | --- ### 5. Identification and Safety * **Rejection Feature:** The "-R" in the name signifies a "rejection" notch in the blade or ferrule. This prevents a lower-rated fuse (like a Class H) from being accidentally installed in a Class R fuse block. * **Current Limiting:** These fuses are highly current-limiting, meaning they clear a fault in less than 0.008 seconds (half a cycle), significantly reducing the destructive "Arc Flash" energy.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK5 and a Class RK1 fuse?
    • ⤷ How do I calculate the correct FRN-R amperage for a specific motor?
    • ⤷ Can an FRN-R fuse be used in a DC circuit application?