Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRN-R-6

  • AI
    ### Overview of the FRN-R-6 Fuse The **FRN-R-6** is a high-performance, **Class RK5** dual-element, time-delay fuse. It is commonly used in industrial and commercial electrical systems to protect circuits from overcurrent and short-circuit damage. --- ### Technical Specifications | Feature | Specification | |:---|:---| | **Amperage Rating** | 6 Amps | | **Voltage Rating (AC)** | 250 Volts AC | | **Voltage Rating (DC)** | 125 Volts DC | | **Interrupting Rating** | 200,000A (RMS Symmetrical) | | **Fuse Class** | Class RK5 | | **Body Material** | Fiberglass or Melamine | | **Dimensions** | 0.56" x 2.0" (Standard 250V Ferrule) | --- ### Electronic Components & Design The "Electronic" functionality of the FRN-R-6 is defined by its **Dual-Element** construction. Unlike a standard single-wire fuse, it contains two distinct mechanisms working in tandem: #### 1. The Thermal Cutout (Time-Delay Element) * **Function:** Handles temporary surges, such as motor start-up currents. * **Mechanism:** Consists of a spring-loaded solder joint. If a moderate overload persists, the heat melts the solder, and the spring pulls the circuit open. * **Benefit:** Prevents "nuisance blowing" when a motor or transformer draws high initial current. #### 2. The Short-Circuit Element (Instantaneous) * **Function:** Protects against catastrophic failures. * **Mechanism:** A notched copper or silver alloy link designed to melt instantly when current exceeds the "Interrupting Rating" (up to 200,000 Amps). * **Benefit:** Reacts in milliseconds to prevent fires or explosions during a dead short. --- ### Key Applications The FRN-R-6 is specifically engineered for loads that exhibit **inrush current**. Common use cases include: * **Motor Protection:** Small industrial motors where starting current is significantly higher than running current. * **Branch Circuits:** General purpose lighting and power circuits. * **Control Transformers:** Protecting the primary side of transformers. * **Solenoids:** Handling the inductive kicks of electromagnetic coils. --- ### Comparison: FRN-R vs. FRS-R | Series | Voltage Rating | Typical Use | |:---|:---|:---| | **FRN-R** | 250V | Low voltage panels, residential/light commercial | | **FRS-R** | 600V | Heavy industrial machinery, 480V systems |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse like the FRN-R-6?
    • ⤷ Can an FRN-R-6 be used in a DC circuit higher than 125V?
    • ⤷ Why is the 200
    • ⤷000A interrupting rating important for safety?