Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRS-R-30

  • AI
    ## FRS-R-30: Technical Overview The **FRS-R-30** is a specific model of industrial fuse produced by **Bussmann (Eaton)**. It belongs to the **Fusetron™** series and is widely used in electrical systems to protect circuits from overcurrent and short circuits. ### 1. Key Specifications The technical parameters of the FRS-R-30 define its performance and application limits: | Feature | Specification | | :--- | :--- | | **Amperage Rating** | 30 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical (AC) | | **Fuse Class** | Class RK5 | | **Time Delay** | Yes (Dual-Element) | | **Dimensions** | 5.0" x 0.81" (Standard 30A RK5 size) | --- ### 2. Core Electronic Characteristics The FRS-R-30 is not a simple "wire in a tube"; it is a **Dual-Element Time-Delay fuse**. This design provides two distinct levels of protection: #### A. Dual-Element Design * **Thermal Element:** Handles low-level overloads. It has a "time-delay" feature that allows temporary surges (like motor startups) to pass without blowing the fuse. * **Magnetic/Instantaneous Element:** Designed to react almost instantly to high-level short circuits, clearing the fault in less than 0.008 seconds to prevent equipment damage. #### B. Current Limitation The "RK5" classification means this fuse is **current-limiting**. In the event of a massive short circuit, the fuse physically interrupts the flow of electricity so fast that the peak current never reaches its full destructive potential. --- ### 3. Common Applications The FRS-R-30 is primarily used in industrial and commercial settings for: * **Motor Circuits:** Because it has a time-delay, it won't blow when a motor draws high "in-rush" current during startup. * **Transformer Protection:** Protects against secondary short circuits. * **Main Service Disconnects:** Used in fused switchgears to protect downstream branches. --- ### 4. Direct Equivalents If you are looking for alternatives from other manufacturers, the following parts are functionally identical: * **Littelfuse:** FLSR030 * **Mersen (Ferraz Shawmut):** TRS30R ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse?
    • ⤷ Why is the time-delay feature important for motor loads?
    • ⤷ How do I test if an FRS-R-30 fuse is blown using a multimeter?