Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRT-3Z-R

  • AI
    The **FRT-3Z-R** is a specific model of a **Rotary Damper**, typically manufactured by companies like Fuji Latex. These components are used to control the speed and smoothness of motion in mechanical systems, often found in high-end electronics, automotive interiors, and household appliances. --- ## 1. Technical Specifications The FRT-3Z-R is part of the "FRT" series, characterized by its compact, plastic-bodied design. | Feature | Specification | | :--- | :--- | | **Model Type** | Rotary Damper | | **Torque Range** | 2.0 ± 0.8 N·cm (typical for 3Z variant) | | **Rotation Angle** | 360° (Continuous rotation) | | **Direction** | Both directions (Bi-directional damping) | | **Operating Temp** | 0°C to 50°C | | **Main Material** | Polycarbonate (PC) / Polyacetal (POM) | --- ## 2. Internal Components & Mechanism While the device itself does not have "active" electronic circuitry (like a CPU), it is an essential **electro-mechanical component** used to protect sensitive electronics. ### Internal Parts: 1. **Rotor:** The central shaft that connects to the moving lid or tray. 2. **Stator/Body:** The outer housing that remains stationary. 3. **Silicon Oil:** The "secret sauce." The gap between the rotor and stator is filled with high-viscosity silicone oil. 4. **O-Ring/Seal:** Prevents the viscous fluid from leaking out over thousands of cycles. ### Working Principle: The damping force is generated by the **shearing stress** of the silicone oil. As the rotor turns, the resistance of the oil converts kinetic energy into thermal energy, providing a smooth, "soft-close" or "slow-open" effect. --- ## 3. Common Applications in Electronics The FRT-3Z-R is frequently integrated into the following devices: * **CD/DVD/Blu-ray Players:** Used to ensure the disc tray opens smoothly rather than ejecting violently. * **Audio Equipment:** Damping for volume knobs (giving them a "heavy," premium feel) or flip-down control panels. * **Computing:** Slow-release mechanisms for laptop screen hinges or hidden port covers. * **Smart Home Gadgets:** Automatic lids for smart trash cans or motorized camera covers. --- ## 4. Key Differentiators (The "R" Suffix) In the Fuji Latex naming convention: * **FRT:** Series name (Flat Rotary). * **3Z:** Refers to the torque rating and gear type. * **R:** Usually denotes the specific **Gear Attachment**. The "R" often signifies that a specific pinion gear is pre-installed on the shaft for easy integration with a rack-and-pinion system. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum cycle life of the FRT-3Z-R damper?
    • ⤷ Can the torque of this damper be adjusted manually?
    • ⤷ What are the alternatives to silicone oil dampers for high-temperature environments?