Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRTD-R-CF-P

  • AI
    The **FRTD-R-CF-P** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Thin Film Platinum Resistance Temperature Detector (RTD)**. These components are designed for high-precision temperature sensing in compact electronic circuits. --- ## 1. Technical Specifications Overview The following table outlines the typical characteristics of this class of RTD sensors: | Parameter | Specification | | :--- | :--- | | **Sensor Element** | Platinum (Pt) | | **Resistance at 0°C** | Usually 100 $\Omega$ (Pt100) or 1000 $\Omega$ (Pt1000) | | **Temperature Coefficient** | 3850 ppm/K (Standard DIN/IEC 60751) | | **Tolerance Class** | Often Class A or Class B | | **Operating Temperature** | -50°C to +150°C (Standard range) | | **Package Type** | SMD (Surface Mount Device) - often 0805 or 1206 | | **Termination** | Solderable Wrap-around (Lead-free) | --- ## 2. Key Electronic Features ### A. Thin Film Technology The "FRTD" series utilizes a thin layer of platinum deposited onto a ceramic substrate. This construction provides: * **High Stability:** Minimal drift over long periods of operation. * **Interchangeability:** High precision allows for replacing sensors without recalibrating the entire circuit. ### B. Linear Response Unlike thermistors (NTC/PTC), which have a non-linear exponential curve, this RTD provides a highly linear relationship between temperature and electrical resistance. This simplifies the math required for the microcontroller (MCU) to interpret data. ### C. Mechanical Design (Suffix Breakdown) * **CF:** Generally refers to a "Cylindrical" or "Flat" form factor optimized for specific thermal contact. * **P:** Often denotes **Plating** (Lead-free/RoHS compliant) or **Plastic** packaging for protection against environmental moisture. --- ## 3. Circuit Application In an electronic design, the FRTD-R-CF-P is typically used in a **Wheatstone Bridge** or a **Constant Current Source** circuit. ```python # Conceptual calculation for Resistance to Temperature def get_temperature(R_measured, R0=100, alpha=0.00385): # Standard linear approximation temperature = (R_measured - R0) / (R0 * alpha) return temperature ``` ### Common Use Cases: 1. **Industrial Process Control:** Precise monitoring of PCB temperatures. 2. **HVAC Systems:** Airflow temperature measurement in compact ducts. 3. **Medical Equipment:** Monitoring sensitive diagnostic hardware. 4. **Automotive:** Battery pack thermal management. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value (Pt100 or Pt1000) for the R-CF-P variant?
    • ⤷ How does this sensor compare to an NTC thermistor in terms of accuracy?
    • ⤷ What are the recommended soldering profiles for this SMD component?