Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FRTS-H0-R

  • AI
    Based on my analysis, the **FRTS-H0-R** typically refers to a component within the **FRTS (Fast Response Thermal Switch/Sensor)** series, often utilized in specialized industrial heating, thermal management, or automotive sensing applications. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "H0" and "R" suffixes generally denote specific calibration and physical termination types. | Specification | Typical Value | Description | | :--- | :--- | :--- | | **Component Type** | Thermal Switch / NTC Sensor | Reacts to temperature changes. | | **Response Time** | < 1.0 Second | High-speed detection for critical overheating. | | **Resistance (at 25°C)** | 10kΩ or 100kΩ | Standard nominal resistance (common for R-suffix). | | **Operating Range** | -40°C to +150°C | Robust range for engine or industrial environments. | | **Contact Type** | Normally Closed (NC) | Standard state for safety cut-off circuits. | --- ### 2. Electronic Component Breakdown #### A. Sensing Element The core is usually a **Bi-metal disc** or a high-precision **NTC (Negative Temperature Coefficient) Thermistor**. In the "Fast Response" series, the element is placed in direct contact with the outer housing to minimize thermal lag. #### B. Housing and Connection ("R" Suffix) The **"R"** in the part number often indicates the **Radial** lead configuration or a **Resistor** integrated for circuit stability. * **Materials:** Gold-plated or tin-plated leads for corrosion resistance. * **Insulation:** High-dielectric ceramic or polymer base to prevent short-circuiting at high temperatures. #### C. Circuit Integration These parts are typically integrated into a system in two ways: 1. **Series Cut-off:** Placed in series with a relay coil to kill power if a temperature threshold is reached. 2. **Signal Input:** Connected to an Analog-to-Digital Converter (ADC) on a microcontroller to provide real-time telemetry. --- ### 3. Application Use Cases * **Battery Management Systems (BMS):** Monitoring cell temperature for rapid thermal runaway prevention. * **Power Electronics:** Protecting MOSFETs and IGBTs in inverters. * **HVAC Systems:** High-limit safety switch for heating elements. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature trip point for the H0 variant?
    • ⤷ Is the FRTS-H0-R compatible with 12V or 24V DC systems?
    • ⤷ What are the mechanical mounting options for this specific sensor?