Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FT121Q-R

  • AI
    ## Overview of the FT121Q-R The **FT121Q-R** is a specialized USB device controller developed by **FTDI (Future Technology Devices International)**. It is designed to provide a hardware-based USB interface solution for microcontrollers or system-on-chip (SoC) devices that lack built-in USB support. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | USB 2.0 Full Speed (12 Mbps) | | **Package** | QFN-16 (Quad Flat No-lead) | | **Controller Architecture** | Buffer Management Unit (BMU) | | **Voltage Supply** | 3.3V (with 5V tolerant I/O) | | **Endpoints** | Supports up to 8 endpoints (Control, Bulk, Interrupt, Isochronous) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Functional Blocks The FT121Q-R consists of several internal modules that handle the complexity of the USB protocol: * **USB Transceiver (PHY):** Manages the physical connection to the USB bus (D+ and D- signals). * **Serial Interface Engine (SIE):** Handles hardware-level USB tasks like packet decoding, CRC checking, and address recognition. * **Protocol Engine:** Manages the handshaking and data flow for the different USB transfer types. * **SRAM Buffer:** Provides dedicated memory for endpoint data storage to prevent data loss during processing. * **Clock Multiplier:** Includes an internal PLL to generate the necessary high-frequency clocks from a standard external crystal. --- ### 3. Pinout & Connectivity The FT121Q-R utilizes a **16-pin QFN** package, making it highly space-efficient for compact PCB designs. #### Primary Pin Categories: 1. **USB Interface:** `USBDP` (D+) and `USBDM` (D-). 2. **Host Interface:** Dedicated pins for interacting with a microcontroller (using a generic parallel bus or serial interface depending on the specific sub-series configuration). 3. **Power:** `VCC` (3.3V) and `VCCIO` (1.8V to 3.3V) for I/O flexibility. 4. **Clock:** Connections for a 12MHz crystal or oscillator. --- ### 4. Implementation Features * **USB Video Class (UVC) Support:** While primarily a data controller, its architecture allows for implementation in specific class-compliant devices. * **Battery Charger Detection:** It includes logic to detect the type of USB port it is connected to (Standard Downstream Port, Charging Downstream Port, or Dedicated Charging Port), compliant with **USB Battery Charging Specification v1.2**. * **Low Power Consumption:** Features a suspend mode that reduces current draw significantly, suitable for battery-powered applications. --- ### 5. Application Areas * **Industrial Automation:** Adding USB connectivity to legacy PLC hardware. * **Medical Devices:** Safe and isolated data transfer for patient monitoring. * **Consumer Electronics:** Interfacing specialized sensors with PC-based software. * **USB to SPI/I2C Bridges:** Creating custom hardware debuggers or programmers.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the FT121Q and the FT120 series?
    • ⤷ Can the FT121Q-R be powered directly from the 5V USB VBUS?
    • ⤷ Which software drivers are required to interface the FT121Q with a Windows PC?