Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FTS-52-R/Q

  • AI
    The **FTS-52-R/Q** typically refers to a specialized **Crystal Oscillator** or a **Frequency Timing Standard** module, often used in telecommunications, broadcasting, and high-precision synchronization systems. These units are designed to provide a highly stable reference frequency. --- ### 1. Key Technical Specifications Below are the general electronic characteristics associated with the FTS-52 series (specifically Oven Controlled Crystal Oscillators - OCXOs): | Feature | Specification | Description | | :--- | :--- | :--- | | **Nominal Frequency** | 10.0 MHz (Typical) | The standard reference frequency for timing. | | **Output Waveform** | Sine Wave / CMOS | Determines compatibility with downstream circuits. | | **Stability** | $\pm 5 \times 10^{-10}$ | High precision against temperature fluctuations. | | **Supply Voltage** | 12V or 5V DC | The input power required for the internal heater and oscillator. | | **Package Type** | Plug-in / Through-hole | Designed for secure mounting on PCBs or chassis. | --- ### 2. Core Electronic Components The "R/Q" variants generally imply specific configurations regarding **Retrace** (R) and **Quartz** quality or **Quick-warm-up** (Q) features. #### A. The Oven Control Circuit Inside the module, the crystal is housed in a thermally regulated "oven." * **Heating Element:** Uses a power transistor or resistive heater to keep the crystal at a constant "turn-over" temperature. * **Thermistor:** Acts as the sensor to provide feedback to the control loop. #### B. The Quartz Crystal * **SC-Cut or AT-Cut:** Usually utilizes an SC-cut (Stress Compensated) crystal which offers superior thermal stability and lower sensitivity to mechanical stress compared to standard crystals. #### C. Tuning and Adjustment * **Voltage Control (VC):** Electronic parts allow for fine-tuning the frequency via an external control voltage (EFC - Electronic Frequency Control). * **Internal Buffers:** High-speed transistors ensure the output signal is buffered to prevent "load pulling," which could shift the frequency. --- ### 3. Application Use Cases The FTS-52 series is integrated into systems requiring "Stratum" level timing: 1. **Base Stations:** Synchronizing GSM/LTE/5G cellular towers. 2. **GPS Disciplined Oscillators (GPSDO):** Acting as the local "holdover" clock when GPS signal is lost. 3. **Test Equipment:** Providing the timebase for frequency counters and signal generators. --- ### 4. Circuit Diagram Representation (Simplified) ```mermaid graph LR A[Power Input] --> B[Voltage Regulator] B --> C[Oven Controller] C --> D[Crystal Resonator] D --> E[Oscillator Circuit] E --> F[Output Buffer] F --> G[RF Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an OCXO and a TCXO in terms of stability?
    • ⤷ How does the 'Retrace' specification affect frequency accuracy after a power cycle?
    • ⤷ What are the pinout configurations for the FTS-52-R module?