Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FUD-F4W-R./Q

  • AI
    The **FUD-F4W-R/Q** is a high-performance **Fiber Optic Sensor** (specifically a digital fiber amplifier) developed by manufacturers like FOTEK. These devices are used in industrial automation to detect the presence, position, or color of objects using light signals transmitted through fiber optic cables. --- ### 1. Key Technical Specifications The "R/Q" designation usually refers to the output type and connector style (e.g., NPN/PNP or M8 Connector). | Feature | Specification | | :--- | :--- | | **Light Source** | Red LED (typically 660nm) | | **Response Time** | High-speed (approx. 250µs to 1ms) | | **Operating Voltage** | 12 - 24 VDC | | **Current Consumption** | Max 40mA | | **Output Type** | NPN or PNP (Open Collector) | | **Control Output** | Light-ON / Dark-ON selectable | | **Display** | Dual Digital Display (Threshold and Current value) | --- ### 2. Main Electronic Components The internal architecture of the FUD-F4W-R/Q consists of several critical stages: #### A. The Optical Transceiver * **Emitter:** A high-intensity Red LED that pulses light into the fiber optic cable. * **Receiver:** A photodiode or phototransistor that converts returning light into a small electrical current. #### B. Signal Processing Circuit * **Amplifier Stage:** Since the returning light signal can be very weak, high-gain operational amplifiers (Op-Amps) boost the signal. * **Microcontroller (MCU):** The "brain" of the unit. It handles the Analog-to-Digital conversion, manages the digital display, and executes the logic for the "Teach" function. #### C. User Interface (The "Face") * **Dual LED Display:** Usually shows a green value (target threshold) and a red value (real-time signal strength). * **Adjustment Buttons:** Used for setting sensitivity, timer functions (ON-delay/OFF-delay), and output logic. #### D. Output Stage * **Switching Transistor:** An NPN or PNP transistor that acts as a solid-state switch to signal a PLC (Programmable Logic Controller) when the detection threshold is met. --- ### 3. Connection Diagram (Standard Wire Colors) Industrial sensors follow a standard color-coding scheme for their electronics: ```markdown 1. Brown --> Positive (+12V to +24V DC) 2. Blue --> Negative (0V / GND) 3. Black --> Control Output (Load connection) 4. White --> External Teach / Mode Selection (Optional) ``` --- ### 4. Advanced Features * **Mutual Interference Prevention:** Allows multiple sensors to be mounted side-by-side without their light beams interfering with each other. * **Hysteresis Adjustment:** Electronic filtering to prevent "chattering" (rapid switching) when an object is at the edge of the sensing range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor?
    • ⤷ How do I perform the 'Teach' function on the FUD-F4W-R/Q?
    • ⤷ Which fiber optic cables are compatible with this amplifier?