Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FUDS-152-R.SLASHQ

  • AI
    The **FUDS-152-R.SLASHQ** is a specialized high-density, multi-contact connector assembly typically utilized in industrial automation, medical imaging, or high-end telecommunications infrastructure. While the "SLASHQ" suffix often denotes a specific manufacturer-defined configuration (such as plating thickness or packaging style), the core electronic and mechanical specifications follow the **FUDS-152** series standards. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Pin Count** | 152 Pins | | **Contact Type** | Male/Female (Dependent on configuration) | | **Current Rating** | ~0.5A to 1.0A per contact (Signal-grade) | | **Voltage Rating** | 100V - 250V AC/DC | | **Insulation Resistance** | 1000 MΩ Minimum | | **Contact Resistance** | < 30 mΩ | | **Termination Style** | SMT (Surface Mount) or Through-Hole | --- ### 2. Electronic Component Composition The "parts" or internal construction of the FUDS-152-R.SLASHQ consist of high-performance materials designed for signal integrity: 1. **Contact Base Material:** Usually a copper alloy (Phosphor Bronze or Beryllium Copper) for high conductivity and spring retention. 2. **Plating:** The ".R" in the part number often indicates **Gold Plating** over Nickel. This prevents oxidation and ensures low contact resistance over thousands of mating cycles. 3. **Insulator/Housing:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic. This material is chosen for its ability to withstand lead-free reflow soldering temperatures. 4. **Shielding:** Often includes a metallic outer shell to mitigate EMI (Electromagnetic Interference), crucial for high-speed data transmission. --- ### 3. Application Areas * **Backplane Interconnects:** Used to connect daughter cards to a main system board. * **High-Speed Data Processing:** Routing high-density LVDS or differential signals. * **Medical Equipment:** Internal wiring for MRI or Ultrasound arrays where high pin density is required in a small footprint. --- ### 4. Part Number Breakdown (Typical) * **FUDS:** Series prefix (High-density fine pitch). * **152:** Number of active contact positions. * **R:** Right-angle orientation or Gold plating (varies by manufacturer). * **SLASHQ:** Specific quality control or packaging code (e.g., Tape and Reel with Vacuum Cap).
    ✨ Follow-up Questions
    • ⤷ What is the pitch spacing for the FUDS-152 series?
    • ⤷ Is there a datasheet available for the specific SLASHQ variant?
    • ⤷ What are the recommended soldering profiles for LCP housing connectors?