AI

Based on electronic component nomenclature and industry standards, the part number **FUDS-FW3-R.SLASHQ** appears to be a specific variation of a **Flow Sensor** or a specialized **Automotive Connector/Control module**, often associated with liquid management systems (like fuel or urea delivery) or specific industrial automation sensors.
---
### 1. Component Identification
While specific datasheets for "SLASHQ" suffixes are often proprietary to manufacturers (like Denso, Bosch, or specialized flow-meter companies), the prefix breakdown usually follows this logic:
| Part Segment | Likely Meaning | Description |
| :--- | :--- | :--- |
| **FUDS** | Series Prefix | Often stands for **Flow Ultra-Digital Sensor** or a specific Fluid Unit Delivery System. |
| **FW3** | Model Type | Indicates the physical form factor, 3rd generation, or 3-wire interface. |
| **-R** | Orientation/Rating | Typically denotes **RoHS Compliance** or a **Right-angle** connector orientation. |
| **.SLASHQ** | Custom Suffix | A specific calibration, packaging, or quality control "Qualified" (Q) grade. |
---
### 2. Key Electronic Specifications
Most components in this category share these fundamental electronic characteristics:
#### A. Power and Signal
* **Operating Voltage:** Usually **5V DC** (for logic integration) or **12V/24V** (for automotive/industrial environments).
* **Signal Output:** Digital pulse (Square wave) or Analog (0.5V to 4.5V) depending on the internal ASIC.
* **Connection Type:** 3-pin or 4-pin interface (VCC, GND, Signal, and sometimes Temperature).
#### B. Internal Circuitry
* **Hall Effect Sensor:** Often used to detect the movement of an internal turbine or magnetic piston.
* **Signal Conditioning:** Includes an internal Operational Amplifier (Op-Amp) to reduce noise and provide a stable output over long cable runs.
* **Protection:** Integrated ESD (Electrostatic Discharge) protection and reverse polarity protection.
---
### 3. Application Use-Cases
Components with this designation are typically found in:
1. **Automotive Fluid Systems:** Measuring the flow of coolant or DEF (Diesel Exhaust Fluid).
2. **Industrial Cooling:** Monitoring liquid flow in server racks or CNC machinery.
3. **Dosing Systems:** Precise measurement for chemical dispensing.
---
### 4. Technical Summary Table
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Ultrasonic or Turbine Flow Sensor |
| **Housing Material** | PBT Plastic or Stainless Steel |
| **Interface** | Digital (PWM) or Analog Voltage |
| **Accuracy** | ±1% to ±3% of Full Scale |
| **Temperature Range** | -40°C to +125°C (Automotive Grade) |
---
- ⤷
What is the pinout diagram for the FUDS-FW3 series?
- ⤷ Is this part compatible with 5V Arduino or 12V PLC systems?
- ⤷ Does the .SLASHQ suffix indicate a specific automotive AEC-Q100 certification?