Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • FVF-Z4-R/

  • AI
    The **FVF-Z4-R** is a specific electronic component primarily associated with industrial automation and control systems, often identified as a **Fuse-type Terminal Block** or a related connector module used in PLC (Programmable Logic Controller) interfaces. ### 1. Component Overview The "FVF" series typically refers to interface modules designed to simplify wiring between field devices and control panels. The specific suffix `-R` often denotes the inclusion of **Relays** or **Resistors** for signal conditioning. | Feature | Specification | | :--- | :--- | | **Component Type** | Interface Terminal Module | | **Circuit Protection** | Integrated Fuse Slots (typically 5x20mm) | | **Mounting Style** | DIN Rail Mounting | | **Connection Type** | Screw or Spring-loaded terminals | | **Common Application** | PLC Input/Output protection and distribution | --- ### 2. Key Electronic Features #### A. Circuit Protection (The "F" in FVF) This part functions as a safety bridge. It contains individual fuse holders for each channel. If an external field device (like a sensor or solenoid) shorts out, the fuse on the FVF-Z4-R blows, protecting the expensive PLC CPU or I/O card from overcurrent. #### B. Signal Distribution The "Z4" usually indicates a **4-channel configuration**. It takes a high-density connector (like a MIL-spec ribbon cable) and breaks it out into individual, easy-to-wire screw terminals. #### C. LED Diagnostics Most versions of this part include **Status LEDs**: * **Green LED:** Indicates that power is present on the circuit. * **Red LED:** Often indicates a "Blown Fuse" condition, allowing technicians to identify faults instantly without using a multimeter. --- ### 3. Technical Diagram Concept In a typical control loop, the electronic flow looks like this: ```mermaid graph LR A[PLC I/O Card] --> B(Ribbon Cable) B --> C{FVF-Z4-R Module} C --> D[Fuse 1] --> E[Field Device 1] C --> F[Fuse 2] --> G[Field Device 2] ``` ### 4. Common Use Cases 1. **Isolation:** Separating sensitive logic circuits from high-power field wiring. 2. **Maintenance:** Providing a single point of disconnect for troubleshooting. 3. **Space Saving:** Consolidating fuses and terminal blocks into one compact DIN-rail footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the voltage and current ratings for the FVF-Z4-R?
    • ⤷ Which PLC brands are most compatible with this interface module?
    • ⤷ How do I replace the fuses in this specific model?