Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • GMA-200-R

  • AI
    The **GMA-200-R** is a specialized electronic control module primarily used in industrial gas detection systems. It serves as a central hub for monitoring sensors, processing data, and triggering alarms. --- ### Core Electronic Components and Specifications The device is designed for DIN-rail mounting and integrates several critical electronic subsystems: | Component Type | Specifications / Details | | :--- | :--- | | **Microprocessor** | High-speed logic controller for real-time signal processing and alarm management. | | **Display Unit** | 2.2" Backlit LCD (typically 128x64 pixels) for status and concentration readings. | | **Relay Outputs** | 6 change-over contacts (SPDT) rated at 250V AC / 30V DC, 5A. | | **Digital Interface** | RS-485 (Modbus RTU) for data transmission and remote configuration. | | **Power Supply** | Dual options: 24V DC or 100-240V AC (model dependent). | | **Input Channels** | Support for up to 16 digital transmitters via RS-485 bus. | --- ### Functional Electronic Block Diagram 1. **Input Stage:** Receives digital signals from gas transmitters (like the GfG transmitter series). It uses the RS-485 protocol to allow long-distance communication with minimal noise interference. 2. **Logic Stage:** The internal firmware evaluates the incoming gas concentration values against three adjustable alarm thresholds (A1, A2, A3). 3. **Output Stage:** * **Visual/Audible:** Integrated LED indicators (Green for Operation, Red for Alarm, Yellow for Fault). * **Relays:** Physical switches that can activate external fans, shut-off valves, or sirens. 4. **Memory:** Non-volatile internal memory for logging events and configuration data. --- ### Key Technical Features * **Safety Integration:** Designed for functional safety (SIL 2/3 capable depending on configuration). * **USB Port:** A Mini-USB interface is usually located on the front or side for PC-based configuration using specialized software. * **Configurability:** Each of the 6 relays can be programmed individually (latching/non-latching, normally energized/de-energized). --- ### Wiring and Interface Example Typical wiring for the RS-485 bus and power: ```markdown Terminal Block Layout: [1] +24V DC Power Input [2] 0V (Ground) [3] RS-485 A (+) [4] RS-485 B (-) [5-10] Relay 1 (Common, NO, NC) ```
    ✨ Follow-up Questions
    • ⤷ How do you configure the alarm thresholds on the GMA-200-R?
    • ⤷ What is the maximum number of gas sensors that can be connected to this unit?
    • ⤷ What are the specific differences between the GMA-200-R and the GMA-200-MW4?