Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • GMC-400-R

  • AI
    The **GMC-400-R** is a popular, entry-level digital Geiger-Müller counter designed for detecting ionizing radiation (Beta, Gamma, and X-Rays). Below is a breakdown of its primary electronic components and their functions. ### 1. The Detector: Geiger-Müller (GM) Tube The heart of the device is the gas-filled tube. The GMC-400-R typically uses the **M4011** (or equivalent) glass GM tube. | Component | Function | | :--- | :--- | | **Gas Content** | Usually a mixture of Neon, Argon, and a halogen quenching agent. | | **Operation** | When radiation enters the tube, it ionizes the gas, creating a brief electrical pulse. | | **Sensitivity** | Optimized for Beta and Gamma radiation; it cannot detect Alpha particles because they cannot penetrate the tube's glass wall. | --- ### 2. High Voltage (HV) Power Supply The GM tube requires a high DC voltage (typically **380V to 450V**) to operate in the "Geiger plateau" region. * **DC-DC Boost Converter:** The circuit takes the low voltage from the battery (3.7V - 4.2V) and steps it up using an inductor, a high-speed switching transistor (PWM controlled), and a diode-capacitor multiplier. * **Regulation:** A feedback loop ensures the voltage remains stable despite battery fluctuations, ensuring consistent count accuracy. --- ### 3. Signal Processing & Logic Once the tube detects a particle, the pulse must be shaped and counted. * **Pulse Shaper:** A simple transistor-based circuit or an inverter gate converts the raw, high-voltage pulse from the tube into a clean 3.3V/5V digital pulse. * **Microcontroller (MCU):** Usually an **STM32** (ARM Cortex-M series) or a similar 8-bit/32-bit processor. It performs the following: * Counts pulses over a specific time interval (CPM - Counts Per Minute). * Calculates dosage (μSv/h or mR/h) based on programmed calibration curves. * Manages the user interface and display. --- ### 4. User Interface & Connectivity | Module | Description | | :--- | :--- | | **Display** | A monochrome LCD with a backlight for showing real-time graphs and numerical data. | | **Audio/Visual** | A piezo buzzer (clicks) and a flashing LED that trigger with every detected pulse. | | **USB Interface** | A CH340 or similar USB-to-Serial bridge allows for battery charging and data logging to a PC. | | **Flash Memory** | Internal memory to store history data for later analysis. | --- ### 5. Connectivity Pins (Internal Header) The GMC-400-R features a secondary development port (10-pin header) for hobbyists: ```text [Pinout Example] 1. VCC (3.3V) 2. TX (Serial Out) 3. RX (Serial In) 4. GND 5. Pulse Output (Raw digital signal for external MCUs) ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the GMC-400-R for different GM tubes?
    • ⤷ What software can be used to log data from this device?
    • ⤷ How does the 'soft error' in the HV circuit affect readings?