Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • GU2-R-S

  • AI
    Based on typical industrial electronic component nomenclature (specifically common in sensor and automation brands like **Panasonic** or **Keyence**), the **GU2-R-S** is generally identified as a **Digital Fiber Optic Sensor Amplifier** or a specific high-speed receiver module. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Overview of the GU2-R-S The GU2-R-S is part of a series designed for precision detection. It acts as the "brain" for fiber optic cables, converting light signals into electronic switching signals (NPN/PNP) or data streams. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | Relay or Solid State (R usually denotes Relay/Receiver) | | **Response Time** | High-speed (typically < 1ms) | | **Supply Voltage** | 12V to 24V DC | | **Sensing Distance** | Dependent on fiber optic cable used | | **Mounting** | DIN Rail | --- ## 2. Core Electronic Components Inside the GU2-R-S, several critical electronic systems work together to ensure high-speed detection: ### A. Photoelectric Conversion Stage * **Photodiode/Phototransistor:** Receives the light pulses from the fiber optic cable and converts them into a micro-ampere current. * **Preamplifier:** Boosts the weak signal from the photodiode to a level that can be processed by the MCU. ### B. Signal Processing (MCU) * **Microcontroller:** Analyzes the signal strength. It handles "teach" functions, threshold settings, and timing delays (On-delay/Off-delay). * **A/D Converter:** Converts the analog light intensity into a digital value displayed on the sensor's LED/LCD screen. ### C. Output Circuitry * **Optocouplers:** Provide electrical isolation between the sensing logic and the industrial output to prevent noise interference. * **Transistor/Relay:** Depending on the "R" suffix, it uses either a mechanical relay or an open-collector transistor to switch the external load. --- ## 3. Wiring and Pinout (Typical) Standard wiring for this class of electronic sensor usually follows industrial color coding: ```markdown 1. Brown -> DC + (12-24V) 2. Blue -> DC - (0V) 3. Black -> Control Output (Sensing Signal) 4. White -> Stability Output or Remote Teach (Optional) ``` --- ## 4. Key Features for Electronics Engineering * **Hysteresis Control:** Prevents "chatter" (rapid switching) when an object is at the edge of the sensing range. * **Crosstalk Prevention:** If multiple GU2-R-S units are mounted side-by-side, they use optical sync or staggered pulse frequencies to avoid interfering with each other. * **Short-Circuit Protection:** Internal circuitry protects the output transistor from burning out if the load is shorted.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'T' versions of this sensor series?
    • ⤷ How do I calibrate the threshold on a GU2-R-S module?
    • ⤷ Can this sensor be integrated with a PLC using NPN or PNP logic?