Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HC1-7R8-R

  • AI
    ## Overview of the HC1-7R8-R The **HC1-7R8-R** is a high-current, power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the **HC1 series**, which is specifically designed for high-density, high-current power applications. ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.78 µH (Microhenries) | | **Tolerance** | ±20% | | **Current Rating (Irms)** | 35.0 Amperes | | **Saturation Current (Isat)** | 30.0 Amperes | | **DC Resistance (DCR)** | 1.3 mΩ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | Surface Mount (SMD) | | **Termination Style** | Solder Pad | --- ### 2. Core Features * **High Current Density:** Capable of handling significant current loads relative to its physical size. * **Low DCR:** The extremely low DC Resistance (1.3 mΩ) minimizes power loss and heat generation, increasing overall energy efficiency. * **Magnetically Shielded:** The construction helps reduce Electromagnetic Interference (EMI) with neighboring components. * **Ferrite Core Material:** Provides stable performance across a wide range of frequencies and low core losses. * **RoHS Compliant:** The "-R" suffix indicates that the part is lead-free and compliant with environmental standards. --- ### 3. Application Areas The HC1-7R8-R is typically found in power management circuits where high efficiency and high current are required. Common use cases include: 1. **Multi-phase VRM (Voltage Regulator Modules):** Used in CPU/GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Providing localized DC-DC conversion for FPGAs and ASICs. 3. **Battery Powered Systems:** Ideal for high-efficiency mobile power applications. 4. **Distributed Power Systems:** Used in telecommunications and networking hardware. --- ### 4. Identification (Part Number Breakdown) | Segment | Meaning | | :--- | :--- | | **HC1** | Series Name (High Current, Size 1) | | **7R8** | Inductance Value (7R8 = 0.78 µH) | | **-R** | RoHS Compliant / Lead-Free | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Can this component be used in automotive applications?
    • ⤷ What are the physical dimensions of the HC1 series package?