Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HCF1305-3R0-R

  • AI
    The **HCF1305-3R0-R** is a high-current, automotive-grade power inductor manufactured by Eaton (formerly Cooper Bussmann). It is part of the HCF1305 series, known for its high power density and reliability in harsh environments. ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the HCF1305-3R0-R: | Parameter | Specification | | :--- | :--- | | **Inductance** | 3.0 µH | | **Tolerance** | ±20% | | **Rated Current (Irms)** | 16.5 Amps | | **Saturation Current (Isat)** | 22.0 Amps | | **DC Resistance (DCR)** | 4.8 mΩ (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 12.5mm x 12.5mm x 5.0mm | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Internal Components & Construction The "parts" and build quality of this inductor are designed for high-frequency efficiency: * **Ferrite Core:** Utilizes a high-frequency ferrite material that minimizes core losses, making it ideal for high-speed switching power supplies. * **Flat Wire Winding:** Unlike standard round wire, this part often uses flat copper wire. This increases the surface area, reducing **Skin Effect** losses and lowering the DC resistance (DCR) for better thermal management. * **Magnetic Shielding:** The component is magnetically shielded. This prevents Electromagnetic Interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. --- ### 3. Application Use Cases This specific inductor is generally found in power management circuits where high current and low profile are required: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery. 2. **DC-DC Converters:** Buck, boost, and forward converters in automotive or industrial electronics. 3. **Automotive Systems:** Found in Advanced Driver Assistance Systems (ADAS) and infotainment due to its AEC-Q200 compliance (high vibration/temperature resistance). 4. **Battery Powered Systems:** High efficiency (low DCR) helps extend battery life by reducing heat waste. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **HCF:** Series Name (High Current Ferrite). * **1305:** Dimensions (approx. 13mm width, 5mm height). * **3R0:** Inductance Value (3.0 µH). The "R" acts as a decimal point. * **-R:** RoHS compliant / Lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat in this inductor?
    • ⤷ Are there AEC-Q200 qualified alternatives for this part?
    • ⤷ How does the flat wire construction improve efficiency compared to round wire?