Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HFE21-C120SLASH12-SHT2-R

  • AI
    The part number **HFE21-C120/12-SHT2-R** refers to a high-voltage, high-current **Latching Relay** typically used in New Energy vehicles (EVs), battery management systems (BMS), and charging stations. ### 1. Component Breakdown The nomenclature typically follows the standards of manufacturers like **Hongfa**, a leader in relay technology. | Segment | Meaning | Description | | :--- | :--- | :--- | | **HFE21** | Series Name | High-voltage DC Latching Relay series. | | **C** | Contact Arrangement | Form A (Normally Open). | | **120** | Current Rating | Rated for **120 Amperes**. | | **12** | Coil Voltage | Designed for a **12V DC** control circuit. | | **SHT2** | Terminal/Mounting | Specific configuration for busbar terminals and mounting style. | | **R** | Direction/Polarity | Often indicates RoHS compliance or specific polarity requirements. | --- ### 2. Key Technical Specifications Based on the HFE21 series standard characteristics: * **Switching Capacity:** Capable of handling high DC voltages (often up to 450VDC or 1000VDC depending on the specific variant). * **Latching Mechanism:** This is a **magnetic latching relay**. Unlike standard relays, it only requires a brief pulse of energy to switch states and stays in that state without continuous power. * **Contact Resistance:** Extremely low (typically $\leq$ 0.5m$\Omega$) to prevent overheating at 120A. * **Dielectric Strength:** High insulation between the coil and contacts (usually 4000VAC) to ensure safety in high-voltage environments. --- ### 3. Application Areas This specific part is engineered for demanding electrical environments: 1. **Electric Vehicles (EV/PHEV):** Used in the Power Distribution Unit (PDU) to connect/disconnect the main battery pack. 2. **Energy Storage Systems (ESS):** Manages the flow between battery banks and inverters. 3. **Charging Piles:** Acts as the safety disconnect in DC fast-charging stations. 4. **Solar Inverters:** Used for circuit protection and grid connection. --- ### 4. Advantages of "Latching" in this Model * **Energy Efficiency:** Since it doesn't require a continuous "holding current," it produces no heat in the coil during long-term operation. * **Reliability:** It maintains its position (On or Off) even if the control power is lost, which is critical for certain safety or memory functions in automotive systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-coil and double-coil latching pulse for this model?
    • ⤷ Can this relay be used for AC switching applications?
    • ⤷ What are the recommended pulse durations for switching the HFE21 series?