HG2414P-RTP
AI

The **HG2414P-RTP** is a high-performance, directional **Patch Antenna** manufactured by L-com (HyperLink brand). It is specifically designed for the 2.4 GHz ISM band, commonly used for WiFi and Bluetooth applications.
---
## 1. Technical Specifications
The "electronic parts" or core technical parameters of this antenna define its capability to transmit and receive radio frequency (RF) signals.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2400 - 2500 MHz (2.4 GHz Band) |
| **Gain** | 14 dBi |
| **Polarization** | Vertical or Horizontal (Depends on mounting) |
| **Horizontal Beamwidth** | 30° |
| **Vertical Beamwidth** | 30° |
| **Impedance** | 50 Ohm |
| **Max Input Power** | 50 Watts |
| **Connector Type** | Reverse Polarity TNC (RP-TNC) Plug |
---
## 2. Key Electronic Components & Design
### A. The Patch Element
The internal "electronic" heart of the HG2414P is a **Microstrip Patch**.
* It consists of a flat rectangular sheet of metal (the patch) mounted over a larger sheet of metal (the ground plane).
* The dimensions of the patch are precisely tuned to half the wavelength ($\lambda/2$) of the 2.4 GHz signal to achieve resonance.
### B. The Feed System
The antenna uses a **Microstrip Feed Line** to distribute energy to the patch.
* **Impedance Matching:** The internal circuitry ensures that the antenna maintains a 50-ohm impedance to minimize **VSWR (Voltage Standing Wave Ratio)**, which prevents signal reflection back into the transmitter.
### C. Connector: RP-TNC Plug
The "RTP" in the model name stands for **Reverse Polarity TNC**.
* Unlike standard TNC connectors, the RP-TNC has the pin on the female-threaded side.
* This is a common safety standard in WiFi equipment to prevent users from connecting high-gain professional antennas to consumer-grade hardware without authorization.
---
## 3. Physical & Environmental Features
The electronic components are protected by a ruggedized shell to ensure long-term outdoor operation.
* **Radome Material:** UV-stable light gray polymer (protects the patch from sun and rain).
* **Backplane:** Heavy-duty aluminum to reflect signals forward and provide a solid ground.
* **Mounting:** Includes a tilt-and-swivel mast mount for precise directional aiming.
---
## 4. Typical Applications
Because of its **14 dBi gain** and narrow **30-degree beamwidth**, this antenna is used for:
1. **Point-to-Point Links:** Connecting two buildings wirelessly.
2. **Long Range WiFi:** Extending a signal to a specific distant area.
3. **RFID & Bluetooth:** Industrial scanning at distance.
- ⤷
What is the maximum range distance expected with a 14 dBi gain antenna?
- ⤷ How does the RP-TNC connector differ from an RP-SMA connector?
- ⤷ What is the benefit of a 30-degree beamwidth compared to an omni-directional antenna?