Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HG908PCL-RSP

  • AI
    The **HG908PCL-RSP** is a specialized high-performance sector antenna typically manufactured by L-com (HyperLink). It is designed primarily for the 900 MHz ISM band (Industrial, Scientific, and Medical), frequently used in SCADA, LPWAN, and cellular applications. Below is a breakdown of its electronic specifications and physical construction. ### 1. Electronic Specifications These parameters define how the antenna interacts with electromagnetic waves and radio frequency (RF) equipment. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Frequency Range** | 900 - 928 MHz | Operates in the license-free ISM band. | | **Gain** | 8 dBi | High gain for long-distance point-to-multipoint links. | | **Horizontal Beamwidth** | 120° | Provides wide coverage across a specific sector. | | **Vertical Beamwidth** | 25° | Focuses energy horizontally to minimize interference from above/below. | | **Polarization** | Vertical | Aligned with standard mobile and fixed-station radios. | | **VSWR** | < 1.5:1 | Indicates efficient power transfer with low reflection. | | **Impedance** | 50 Ohm | Standard matching for most RF transmitters/receivers. | --- ### 2. Physical and Component Details The "PCL" and "RSP" suffixes in the part number often refer to specific connector types and mounting hardware configurations. * **Connector Type:** The "RSP" designation typically indicates an **RP-SMA Plug** (Reverse Polarity SMA) or similar, often integrated with a low-loss pigtail cable. This allows direct connection to many common wireless access points and IoT gateways. * **Radome Material:** Usually constructed from UV-stable fiberglass or high-grade plastic to protect the internal copper radiating elements from harsh weather. * **Internal Circuitry:** The antenna utilizes a microstrip or dipoles array behind a reflector plate. This configuration ensures the "Sector" pattern (wide horizontal, narrow vertical). * **Mounting Hardware:** Includes heavy-duty U-bolts designed for pole mounting, allowing for "down-tilt" adjustments to optimize signal coverage on the ground. --- ### 3. Key Applications Because of its 120-degree spread and 900 MHz frequency, this part is used in: 1. **Non-Line-of-Sight (NLOS) Links:** 900 MHz penetrates foliage and obstacles better than 2.4 GHz or 5 GHz. 2. **SCADA Systems:** Monitoring remote utility sensors (oil, gas, water). 3. **LPWAN / LoRa:** Providing base station coverage for IoT sensor networks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between dBi and dBd in the context of this antenna?
    • ⤷ Can this antenna be used for LoRaWAN gateways?
    • ⤷ What is the maximum power input (Watts) this electronic part can handle?