Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • HL6-R

  • AI
    The **HL6-R** typically refers to a high-performance **Heads-Up Display (HUD)** or a specialized **LED replacement bulb/module** used in automotive or industrial projection systems. Below is an overview of the electronic components and architecture commonly found in these units. --- ## 1. Core Electronic Components The functionality of the HL6-R relies on several integrated circuits and hardware modules: | Component Category | Specific Part/Function | Description | | :--- | :--- | :--- | | **Control Unit** | Microcontroller (MCU) | Processes input data (OBD-II or GPS) and controls the display output. | | **Light Source** | High-Intensity LEDs | Provides the lumen output necessary for visibility in daylight. | | **Optical Engine** | Collimating Lens | Shapes the light beam to ensure the image is projected clearly onto the glass. | | **Power Management** | DC-DC Buck Converter | Regulates vehicle voltage (12V-24V) down to stable logic levels (3.3V/5V). | | **Communication** | CAN-Bus Transceiver | Allows the device to communicate with the vehicle's ECU to retrieve speed/RPM. | --- ## 2. Technical Specifications (Electronic) The HL6-R architecture is designed for thermal efficiency and high-speed data processing: ### A. Power Regulation * **Operating Voltage:** 9V – 16V DC. * **Protection Circuits:** Includes Reverse Polarity Protection and Overvoltage Protection to prevent damage from car battery surges. ### B. Display & Projection * **Light Intensity:** Often features an integrated **Photoresistor (LDR)** for automatic brightness adjustment based on ambient light. * **Refresh Rate:** Typically 20Hz - 60Hz to ensure smooth transitions of numerical data. ### C. Thermal Management * **Heat Sink:** Passive aluminum cooling fins or a ceramic substrate are used to dissipate heat generated by the high-power LEDs. * **Thermal Cut-off:** Sensors that dim the output if internal temperatures exceed safe operating limits (usually >85°C). --- ## 3. Circuit Block Diagram (Logic Flow) ```mermaid graph LR A[Vehicle OBD-II Port] --> B[CAN-Bus Transceiver] B --> C[Main MCU] D[Light Sensor] --> C C --> E[LED Driver IC] E --> F[LED Array/Projector] G[Power Supply] --> C ``` --- ## 4. Key Connectivity Features * **Data Interface:** Uses the ISO 15765-4 (CAN) protocol. * **Driver ICs:** Constant-current LED drivers are utilized to prevent flickering and ensure consistent brightness regardless of voltage fluctuations.
    ✨ Follow-up Questions
    • ⤷ What are the specific CAN-bus protocols supported by the HL6-R?
    • ⤷ Does the HL6-R use a DLP or a TFT-LCD projection method?
    • ⤷ How does the auto-brightness sensor interface with the MCU?