HLMP-4100-R0000
AI

## HLMP-4100-R0000: Technical Overview
The **HLMP-4100-R0000** is a high-intensity, double-heterojunction AlGaAs (Aluminum Gallium Arsenide) Light Emitting Diode (LED). Produced by Broadcom (formerly Avago/Agilent/HP), it is designed for applications requiring high brightness and low power consumption.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and optical characteristics of the HLMP-4100-R0000:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Color** | Deep Red (645 nm) | nm |
| **Package Type** | T-1 3/4 (5mm) Round | - |
| **Luminous Intensity (Min)** | 320 | mcd |
| **Luminous Intensity (Typ)** | 500 | mcd |
| **Viewing Angle (2θ½)** | 10 | Degrees |
| **Forward Voltage (Typ)** | 1.8 | V |
| **Forward Current (Max)** | 20 | mA |
| **Lens Appearance** | Clear, Non-diffused | - |
---
### 2. Physical Design and Features
* **Construction:** It utilizes a **Double Heterojunction (DH) AlGaAs** chip. This technology provides much higher luminous efficiency compared to standard GaAsP red LEDs.
* **Optics:** The 5mm (T-1 3/4) package features a clear, non-diffused lens. This results in a very narrow **10-degree viewing angle**, making it ideal for pinpoint lighting or long-distance visibility.
* **Durability:** The lead frame is designed for standard through-hole mounting with a robust epoxy resin that is resistant to moisture and heat.
---
### 3. Application Use Cases
Due to its high brightness and narrow beam, this LED is commonly found in:
* **Outdoor Signs:** Variable message signs and traffic signals.
* **Industrial Indicators:** Status lights that must be visible in high-ambient light environments.
* **Medical Equipment:** High-contrast displays and sensors.
* **Consumer Electronics:** High-end indicators or backlighting where energy efficiency is critical.
---
### 4. Comparison with Standard Red LEDs
Standard red LEDs (GaAsP) typically emit light at a 635nm wavelength and offer significantly lower brightness levels. The HLMP-4100-R0000 offers:
1. **Lower Power Consumption:** It produces more light (mcd) per milliamp (mA).
2. **Higher Contrast:** The deep red 645nm wavelength provides better visibility in sunlight.
3. **Longevity:** AlGaAs technology typically shows better degradation characteristics over time compared to older technologies.
- ⤷What is the difference between a 10-degree and 45-degree viewing angle for this LED?
- ⤷ Are there surface-mount (SMD) equivalents for the HLMP-4100?
- ⤷ What is the recommended resistor value for this LED using a 5V power supply?